Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CSZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CSZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL2126CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 14Page - Renesas Technology Corp EL2126CSZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 11 of 19
May 2, 2007
FIGURE 35. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 36. CMRR vs TEMPERATURE
FIGURE 37. PSRR vs TEMPERATURE
FIGURE 38. POSITIVE OUTPUT SWING vs TEMPERATURE
FIGURE 39. POSITIVE OUTPUT SWING vs TEMPERATURE
FIGURE 40. NEGATIVE OUTPUT SWING vs TEMPERATURE
Typical Performance Curves (Continued)
1
-2
0
-1
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±5V
VS = ±15V
-50
0
100
150
50
DIE TEMPERATURE (°C)
120
110
100
90
80
VS = ±5V
110
86
90
94
98
102
106
82
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±5V
VS = ±15V
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±5V
4.05
4
3.95
3.9
3.85
3.8
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±15V
13.85
13.8
13.75
13.7
13.65
13.6
-3.9
-3.95
-4.05
-4.25
-4.15
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±5V
-4
-4.1
-4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com