Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL5246CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5246CS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL5246CS Datasheet HTML 8Page - Renesas Technology Corp EL5246CS Datasheet HTML 9Page - Renesas Technology Corp EL5246CS Datasheet HTML 10Page - Renesas Technology Corp EL5246CS Datasheet HTML 11Page - Renesas Technology Corp EL5246CS Datasheet HTML 12Page - Renesas Technology Corp EL5246CS Datasheet HTML 13Page - Renesas Technology Corp EL5246CS Datasheet HTML 14Page - Renesas Technology Corp EL5246CS Datasheet HTML 15Page - Renesas Technology Corp EL5246CS Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 12 of 24
March 31, 2011
FIGURE 33. 2nd AND 3rd HARMONIC DISTORTION vs
FREQUENCY
FIGURE 34. 2nd AND 3rd HARMONIC DISTORTION vs
FREQUENCY
FIGURE 35. 2nd AND 3rd HARMONIC DISTORTION vs
FREQUENCY
FIGURE 36. CHANNEL-TO-CHANNEL CROSSTALK - DUALS
AND QUADS (WORST CHANNEL)
FIGURE 37. SUPPLY CURRENT (PER AMP) vs SUPPLY
VOLTAGE
FIGURE 38. OUTPUT CURRENT VS DIE TEMPERATURE
Typical Performance Curves
1M
10M
FREQUENCY (Hz)
100M
-45
-35
-55
-75
-25
-65
VOUT = 0.25V TO 2.25V
RL = 100TO 0V
HD3
HD2
1M
10M
FREQUENCY (Hz)
100M
-45
-35
-55
-75
-25
-65
VOUT = 0.5V TO 2.5V
RL = 100TO 0V
HD2
HD3
HD3
HD2
VOUT=1V to
3V
1M
10M
FREQUENCY (Hz)
100M
-45
-35
-55
-75
-25
-65
VOUT = 1V TO 3V
RL = 100TO 0V
1M
10M
100M
-45
-35
-55
-75
-25
-65
HD2
HD3
100k
1M
FREQUENCY (Hz)
100M
10M
-40
-20
-60
-100
0
-80
03
SUPPLY VOLTAGE (V)
5
14
2
4
6
2
0
8
-55
DIE TEMPERATURE (°C)
145
-15
105
65
60
80
40
20
120
100
25
SINK
RL = 10TO 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com