Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CS Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # EL5246CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5246CS Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button EL5246CS Datasheet HTML 15Page - Renesas Technology Corp EL5246CS Datasheet HTML 16Page - Renesas Technology Corp EL5246CS Datasheet HTML 17Page - Renesas Technology Corp EL5246CS Datasheet HTML 18Page - Renesas Technology Corp EL5246CS Datasheet HTML 19Page - Renesas Technology Corp EL5246CS Datasheet HTML 20Page - Renesas Technology Corp EL5246CS Datasheet HTML 21Page - Renesas Technology Corp EL5246CS Datasheet HTML 22Page - Renesas Technology Corp EL5246CS Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 19 of 24
March 31, 2011
Free Running Oscillator Application
Figure 54 is an EL5144 configured as a free running oscillator.
To first order, ROSC and COSC determine the frequency of
oscillation according to:
For rail to rail output swings, maximum frequency of oscillation
is around 15MHz. If reduced output swings are acceptable,
25MHz can be achieved. Figure 55 shows the oscillator for
ROSC = 510, COSC = 240pF and FOSC =6MHz.
FIGURE 52.
FIGURE 53.
FIGURE 54.
FIGURE 55.
FIGURE 56.
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-
+
-
+
Sele
+5V
VOUT
150
VIN 1
3VPP
0.1µ
4.7µ
VIN 2
2.4VPP
EL5246
0V
5V
VOUT
Selec
0V
5V
1
2
3
5
4
+5V
470K
470K
0.1µ
470K
ROS
COS
5V
VOUT
0V
0V
5V
FOSC
0.72
ROSC COSC
---------------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com