Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97635IRZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 12 of 28
Sep 26, 2017
be fixed at ILEDmax. BRTDC can be adjusted dynamically on the fly
during operation. BRTDC = 0 disconnects all channels and ILED is
guaranteed to be <10µA at this state.
For example, if the maximum required LED current (ILEDmax) is
20mA, rearranging Equation 1 yields Equation 3:
If BRTDC is set to 200 then:
PWM CONTROL
The ISL97635 provides four different PWM dimming methods, as
described in the following. Each of these methods results in PWM
chopping of the current in the LEDs for all 8 channels to provide
an average LED current. During the On periods, the LED current
will be defined by the value of RSET and BRTDC, as described in
Equations 1 and 2. The source of the PWM signal can be
described as follows:
1. Internally generated 256 step duty cycle programmed
through the SMBus.
2. External signal from PWMI.
3. DPST mode. Internally generated signal with a duty cycle
defined by the product of the external PWMI and SMBus
programmed PWM at the internal setting frequency.
4. DC-to-PWM control.
The default PWM dimming is in DPST mode. In all four methods,
the average LED current of each channel is controlled by ILED and
the PWM duty cycle in percent, as shown in Equation 5:
Method 1 (Internal Mode, SMBus controlled PWM)
The average LED current of each channel is controlled by the
internally generated PWM signal, as shown in Equation 6:
where BRT is the PWM brightness level programmed in the
Register 0x00. BRT ranges from 0 to 255 in decimal and defaults
to 255 (0xFF). BRT = 0 disconnects all channels and ILED is
guaranteed to be <10µA in this state.
To use only the SMBus controlled PWM brightness control, users
need to set Register0x01 to 0x05 with EN/PWMI in logic high.
The SMBus controlled PWM frequency is adjusted by a capacitor
at the FPWM pin, which will be described in “PWM Dimming
Frequency Adjustment” on page 13.
Method 2 (External Mode)
The average LED current of each channel can also be controlled by
an external PWMI signal, as shown in Equation 7:
The PWM dimming frequency can be for example 20kHz but
there are a minimum on and off time requirements such that the
dimming will be in the range of 10% to 99.5%. If the dimming
frequency is below 5kHz, the dimming range can be 1% to
99.5%. The PWM dimming off time cannot be longer than 28ms
or else the driver will enter shutdown.
To use PWMI only brightness control, users need to set Register
0x01 to 0x03.
Method 3 (DPST Mode)
The average LED current of each channel can also be controlled
by the product of the SMBus controlled PWM and the external
PWMI signals as:
Where:
Therefore:
Where BRT is the value held in Register 0x00 (default setting
0xFF) controlled by SMBus and PWMI is the duty cycle of the
incoming PWMI signal. In this way, the users can change the
PWM current in ratiometric manner to achieve DPST compliance
backlight dimming.
To use the DPST mode, users need to set Register 0x01 to 0x01
with external PWM signal.
The DPST mode PWM frequency is adjusted by a capacitor at the
FPWM pin. A CPWMO capacitor, is also needed in the PWMO pin for
DPST mode operation which will be described in “PWM Dimming
Frequency Adjustment” on page 13.
For example, if the SMBus controlled PWM duty is 80% dimming
at 200Hz (see CFPWM Equation 12) and the external PWMI duty
cycle is 60% dimming at 1kHz, the resultant PWM duty cycle is
48% dimming at 200Hz.
Method 4 (Analog Mode, DC-to-PWM Mode)
By overdriving the PWMO pin with a DC voltage between 0.21V
and 1.21V, the average LED current of each channel is controlled
by the internally generated PWM signal, as shown in
Equation 11:
Where BRT is the value held in Register 0x00 (default setting
0xFF). The PWMO pin is internally driven to 0.21V via a
40kΩ resistor when the EN/PWMI pin is in logic high, any
overdrive circuit will need to be able to drive up to 40µA in order
to overcome this.
The DC-to-PWM controlled PWM frequency is adjusted by a
capacitor at the FPWM pin, which will be described in “PWM
Dimming Frequency Adjustment” on page 13.
For example, if PWMO is applied with a DC voltage
1.21V, the
output will be zero. On the other hand, if the PWMO is applied
with a DC voltage
0.21V, the PWM duty cycle will be at its
maximum. If the PWMO pin is applied with a DC voltage of 0.31V,
the PWM duty cycle will be at 90% at 200Hz if CFPWM = 27nF.
RSET
733 0.02
36.6k
==
(EQ. 3)
ILED
2.87 200 36600
15.4mA
=
=
(EQ. 4)
ILED ave

ILED PWM
=
(EQ. 5)
ILED ave

ILED BRT 255

=
(EQ. 6)
ILED ave

ILED PWMI
=
(EQ. 7)
ILED ave

ILEDxPWMDPST
=
(EQ. 8)
PWMDPST
BRT 255
PWMI
=
(EQ. 9)
ILED ave

ILED BRT 255
PWMI
=
(EQ. 10)
ILED ave

ILED BRT 255 1 V PWMO
 0.21
–

–

=
(EQ. 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com