Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGS Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CGS
Description  Screw Terminal Mounting Hardware and Accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Screw Terminal Mounting Hardware and Accessories
Bracket Dimensions
Note: All mounting brackets and clamps except Figure 4 are zinc plated. Figure 4 is a black nylon. When mounting capacitors
there is no need to wrap capacitors with protective wrapping before installing mounting clamp.
Dimensions in Inches
Dimensions in Millimeters
Figure
Bracket
A
B
C
D
E
F
A
B
C
D
E
F
Number
1
125565-06
1.375
1.813
30 º 2.313
.750
.563
34.93
46.04
30º
58.74
19.05 14.30
1
125565-15
1.750
2.188
30 º 2.625
.750
.560
44.45
55.56
30º
66.68
19.05 14.22
2
125565-09
2.000
1.250
75 º 1.438 1.125
.750
50.80
31.75
75º
36.51
28.58 19.05
3
125565-05
2.000
2.563
30 º 2.938 1.125
.750
50.80
65.09
30º
76.41
28.58 19.05
2
125565-14
2.500
1.500
75 º 1.688 1.125
.750
63.50
38.10
75º
42.86
28.58 19.05
3
125565-10
2.500
3.000
30 º 3.438 1.125
.750
63.50
76.20
30º
87.31
28.58 19.05
2
125565-11
3.000
1.750
75 º 1.938 1.125
.750
76.20
44.45
75º
49.21
28.58 19.05
3
125565-01
3.000
3.500
30 º 3.938 1.125
.750
76.20
88.90
30º 100.01 28.58 19.05
4
125309-01
3.500
4.488
60 º 2.224
.984
–
90.00
114.00
60º
4.70
25.00
–
Figure 1
Figure 2
Figure 3
Figure 4
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
CDE VR mounting clamps may be
used to mount any cylindrical capac-
itor with a 1” to 3” diameter that is to
be mounted in a vertical position. Ma-
terial is 1010 CRS, commercial grade
#4 temper ASI scale. Parts are finished
with .0001 (nominal) zinc chromate
plating. Use for mounting CG types,
PSU, SF and MPF types. Material thick-
ness is .035”
Catalog Part Number
Dimensions
Diameter
Unassembled Assembled
of Part to be
Without
Screw & Nut
with
A
B
C
Mounted
Screw & Nut
Included
Screw & Nut
1" to 1-1/16
VR1B
VR1
VR1A
1"
1-7/16"
1-7/8*"
1-3/8" to 1-7/16
VR3B
VR3
VR3A
1-3/8"
1-25/32" 2-7/32"
1-1/2" to 1-9/16
VR4B
VR4
VR4A
1-1/2"
1-15/16" 2-11/32"
1-3/4" to 1-13/16
VR6B
VR6
VR6A
1-3/4"
2-1/4"
2-9/16"
2" to 2-1/16
VR8B
VR8
VR8A
2"
2-1/2"
2-13/16"
2-1/2" to 2-9/16
VR10B
VR10
VR10A
2-1/2"
3"
3-5/16"
3" to 3-1/8
VR12B
VR12
VR12A
3"
3-7/16"
3-13/16"
Screw
VRSCREW
—
—
9/16" long 6-32 thread NC-2A
Nut
VRNUT
—
—
Standard hex nut to fit screws
VR1, 3 & 4
B Mtg
.219”
.375”
.156”
2 Holes
.1561” Dia.
.562” .750”
VR6, 8,10 & 12
C ±0.01”
0.176” x 0.281”
±0.016 (3 places).
B Mtng ±0.03”
0.344”
±0.016”
0.188”
±0.016”
A ±0.016”
75 º
120 º ±3 º
(3 Places)
Ø 0.201” ±0.005”
B Mtng ±0.03”
0.375”±0.016”
0.075” ±0.016”
0.035”
1.125” ±0.016”
0.500” ±0.016”
Footed Bracket VR Series
Footed Bracket for types: 500C, 500R, 520C, 550C, 3186, 3188, 3191, 3198, 125, CGS, CGR, CGO, DCMC, HES
Footed Bracket 125 Series
RoHS Compliant
All brackets and hardware
are RoHS Compliant


Similar Part No. - CGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGS ETC1-CGS Datasheet
1Mb / 7P
Computer Grade Aluminum Electrolytic Capacitor
logo
Cornell Dubilier Electr...
CGS CDE-CGS Datasheet
824Kb / 8P
High-Cap Screw Terminal Aluminum Electrolytic Capacitor
logo
Coolgear Inc.
CGS-1PCIE4X COOLGEAR-CGS-1PCIE4X Datasheet
517Kb / 2P
1 Port PCI-e to 4X PCI Slot Expansion Enclosure
logo
Advantech Co., Ltd.
CGS-3000 ADVANTECH-CGS-3000_14 Datasheet
180Kb / 1P
1U Carrier Grade Server based on 4th Gen.Intel짰 Xeon짰 Processor E3 series
CGS-6000-00E ADVANTECH-CGS-6000-00E Datasheet
207Kb / 1P
2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
More results

Similar Description - CGS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M8S17W25 CDE-M8S17W25 Datasheet
433Kb / 3P
Screw-Terminal, Computer-Grade Capacitor, Mounting Hardware
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
Accessories ??Hardware & Brackets
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
Accessories & Hardware
AT712 ETC2-AT712 Datasheet
3Mb / 33P
Accessories Hardware
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
Accessories Hardware
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE ACCESSORIES
NTE435P6 ETC2-NTE435P6 Datasheet
190Kb / 9P
HARDWARE ACCESSORIES
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE ACCESSORIES
logo
Cornell Dubilier Electr...
TH17 CDE-TH17 Datasheet
104Kb / 1P
Motor Start Capacitor Mounting Hardware and Accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com