Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97652 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97652
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97652 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97652 Datasheet HTML 9Page - Renesas Technology Corp ISL97652 Datasheet HTML 10Page - Renesas Technology Corp ISL97652 Datasheet HTML 11Page - Renesas Technology Corp ISL97652 Datasheet HTML 12Page - Renesas Technology Corp ISL97652 Datasheet HTML 13Page - Renesas Technology Corp ISL97652 Datasheet HTML 14Page - Renesas Technology Corp ISL97652 Datasheet HTML 15Page - Renesas Technology Corp ISL97652 Datasheet HTML 16Page - Renesas Technology Corp ISL97652 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISL97652
FN9287 Rev 1.00
Page 13 of 25
November 2, 2007
Rectifier Diode (Boost Converter)
A high-speed diode is necessary due to the high switching
frequency. Schottky diodes are recommended because of their
fast recovery time and low forward voltage. The reverse
voltage rating of this diode should be higher than the maximum
output voltage. The rectifier diode must meet the output current
and peak inductor current requirements. The following table is
some recommendations for boost converter diode.
Output Capacitor
The output capacitor supplies the load directly and reduces the
ripple voltage at the output. Output ripple voltage consists of two
components: the voltage drop due to the inductor ripple current
flowing through the ESR of output capacitor, and the charging
and discharging of the output capacitor.
For low ESR ceramic capacitors, the output ripple is dominated
by the charging and discharging of the output capacitor. The
voltage rating of the output capacitor should be greater than
the maximum output voltage.
Note: Capacitors have a voltage coefficient that makes their
effective capacitance drop as the voltage across then
increases. COUT in Equation 7 above assumes the effective
value of the capacitor at a particular voltage and not the
manufacturer's stated value, measured at zero volts.
The following table shows some selections of output
capacitors.
Loop Compensation (Boost Converter)
The boost converter of ISL97652 can be compensated by a
RC network connected from VC pin to ground. CC = 4.7nF and
RC = 10k RC network is used in the demo board. A higher
resistor value can be used to lower the transient load change
AVDD overshoot - however, this may be at the expense of
stability to the loop.
The stability can be examined by repeatedly changing the load
between 100mA and a max level that is likely to be used in the
system being used. The AVDD voltage should be examined
with an oscilloscope set to AC 100mV/div and the amount of
ringing observed when the load current changes. Reduce
excessive ringing by reducing the value of the resistor in series
with the VC pin capacitor.
AVDD Delay Switch
The ISL97652 integrates a PMOS disconnect switch for the
AVDD boost output to disconnect VIN from AVDD when the EN2
input is not selected. When EN2 is taken high, the PMOS FET
is turned on to connect power to the display. The CSUI
capacitor provide soft-start control for the connection of this
switch.
The operation of the AVDD delay switch is controlled by
internal VDSOK and VDSHYS control signals which operate as
follows:
During start-up (or during fault conditions):
VDSOK goes to 1 when V(SWI - SWO) becomes less than
~0.5V. This will turn-on the boost function.
VDSOK goes to 0 when VDS_pfet becomes greater than
~1.1V. This will turn-off the boost function.
The threshold voltages have a Vin dependence such that:
For Vin1 = 8V: VDSOK goes to 1 occurs at ~0.5V and VDSOK
goes to 0 occurs at ~1.1V.
For Vin1 =18.5V: VDSOK goes to1 occurs at ~1.13V and
VDSOK goes to 0 occurs at ~2.65V.
V(SWI - SWO) is the VDS voltage across the internal PFET
protection switch. If this voltage exceeds 1.1V for some reason
(e.g. under fault conditions or during start-up if VMAIN rises
faster than AVDD) the boost is turned-off to allow the AVDD
(SWO) potential to catch-up with VMAIN (SWI).
VDSHYS is the VDS hysteresis level;
Once VDSOK goes to 1 the voltage V(SWI - SWO) then needs
to exceed 1.1V for VDSOK goes to 0.
During normal operation VDS will be ~Ron_PFET * Iload
(~ 0.18x2 = 0.36V for max AVDD load).
If a fault develops on AVDD, which causes VDS to exceed
1.1V, then the boost operation is interrupted by the internal
VDSOK goes to 0 signal and fault timers will start to operate
while the rising/falling character of AVDD is monitored.
AVDD Delay Switch Fault Operation
When enabled, the gate of the PFET is pulled down with a
30µA current, turning on the FET switch. The speed of this
turn-on can be controlled by placing a capacitor from SWI to
SUI. In normal operation the gate (and SUI pin) are pulled
down to 5V below SWI. The AVDD delay switch circuitry
constantly monitors both the current in the switch and the
voltage at SWO. If the current exceeds the current limit of 2A,
the gate of the FET (and also the SUI pin) will be pulled up to
the correct level to limit the current to 2A. In this mode the
switch acts like a 2A current source. this current cannot be
maintained indefinitely due to the power dissipation on chip.
Therefore, three separate fault mechanisms are operated.
TABLE 4. BOOST CONVERTER RECTIFIER DIODE
RECOMMENDATION
DIODE
VR/IAVG
RATING
PACKAGE
VENDOR
SS23
30V/2A
SMB
Fairchild Semiconductor
SL23
30V/2A
SMB
Vishay Semiconductor
TABLE 5. BOOST OUTPUT CAPACITOR RECOMMENDATION
CAPACITOR
SIZE
VENDOR
PART NUMBER
10µF/25V
1210
TDK
C3225X7R1E106M
10µF/25V
1210
Murata
GRM32DR61E106K
VRIPPLE
ILPK ESR
VO VIN
–
VO
------------------------
IO
CAVDD
--------------------
1
fs
----
+
=
(EQ. 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com