Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97652 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97652
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97652 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97652 Datasheet HTML 1Page - Renesas Technology Corp ISL97652 Datasheet HTML 2Page - Renesas Technology Corp ISL97652 Datasheet HTML 3Page - Renesas Technology Corp ISL97652 Datasheet HTML 4Page - Renesas Technology Corp ISL97652 Datasheet HTML 5Page - Renesas Technology Corp ISL97652 Datasheet HTML 6Page - Renesas Technology Corp ISL97652 Datasheet HTML 7Page - Renesas Technology Corp ISL97652 Datasheet HTML 8Page - Renesas Technology Corp ISL97652 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISL97652
FN9287 Rev 1.00
Page 2 of 25
November 2, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Maximum Pin Voltages, All Pins Except Below . . . . . . . -0.3 to 6.5V
SW, SUP, DRVP, DRVN, SUI, SWO, AVIN, POS1, NEG1, OUT1,
POS2, NEG2, OUT2, VGL . . . . . . . . . . . . . . . . . . -0.3 to 22V
SWI,SW2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 24V
SUI . . . . . . . . . . . . . . . . . . . . . . . V(SWI) - 6.5V to V(SWI) +0.3V
PVIN, SWB, VFLK, VDPM, EN1, EN2, FREQ . . . . . -0.3 to 15.5V
VGH, VGHM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 36V
Recommended Operating Conditions
Input Voltage Range, VIN 8V to 15V
Boost Output Voltage, AVDD up to 19.5V
VON Output Range, VON +15V to +32V
VOFF Output Range, VOFF -15V to -5V
Logic Output Voltage Range, VLOGIC+1.5V to +3.3V
Input Capacitance, CIN2x10µF
Boost Inductor, L1 3.3µH-10µH
Output Capacitance, COUT2x22µF
Buck Inductor, L23.3µH-10µH
Operating Ambient Temperature Range -40°C to +85°C
Operating Junction Temperature Range -40°C to +125°C
Thermal Resistance
JA(°C/W) JC (°C/W)
7x7 QFN Package (Notes 1, 2) . . . . . .
26
1.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Power Dissipation
TA 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.7W
TA = +70°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.0W
TA = +85°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.4W
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN = 12V, VBOOST = VSUP = 15V, VON = 25V, VOFF = -8V, over temperature from -40°C to +85°C, unless
otherwise stated.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS
PVIN
Supply Voltage
812
15
V
VSUP
Charge Pumps Positive Supply
8
20
V
VGH
VON-SLICE Positive Supply
8
30
V
AVIN
Op-AmpV Positive Supply
4.5
20
V
PIVIN
Quiescent Current into PVIN
Enabled, no switching
3
6
mA
Disabled
0.5
5
µA
ISUP
VSUP Supply Current
Enabled, no switching and
VPOUT =VSUP
0.5
mA
Disabled
5
µA
IAVIN
AVIN Supply Current
For AVIN range
7
mA
VREF
Reference Voltage
TA = +25°C
1.252
1.265
1.278
V
1.240
1.265
1.290
V
FOSC
Oscillator Frequency for Buck, Boost, VON
and VOFF Functions
FREQ = VIN
1100
1300
1500
kHz
FREQ = GND
550
650
750
kHz
AVDD BOOST
IBOOST
Boost Switch Peak Current
Boost Peak Current limit
2.8
A
EFFBOOST
Peak Efficiency
See graphs and component
recommendations
91
%
rDS(ON)
Switch On Resistance
125
200
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com