Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAST3215YA3-AM Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAST3215YA3-AM
Description  RoHS compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST3215YA3-AM Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAST3215YA3-AM Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-08-06 14:16:48.0
DATASHEET
SMD  B
EAST3215YA3-AM
4
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 03-Aug-2009 .Issue No:
DSE-0011885
www.everlightamericas.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
45
-----
112
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
130
-----
deg
IF=20mA
Peak Wavelength
λp
-----
591
-----
nm
IF=20mA
Dominant Wavelength
λd
585.5
----
594.5
nm
IF=20mA
Spectrum Radiation Bandwidth
Δλ
-----
15
-----
nm
IF=20mA
Forward Voltage
VF
1.75
----
2.35
V
IF=20mA
Reverse Current
IR
-----
-----
10
μA
VR=12V
Temperature coefficient of λp
TCλp
-----
0.06
-----
nm/K
IF=20mA
Temperature coefficient of λd
TCλd
-----
0.4
-----
nm/K
IF=20mA
Temperature coefficient of VF
TCV
-----
-2.3
-----
mV/K
IF=20mA
Note:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Dominant Wavelength: ±1nm
3
. Tolerance of Forward Voltage: ±0.1V
Bin Range of Luminous Intensity
Bin Code
Min.
Max.
Unit
Condition
P1
45.0
56.0
mcd
IF =20mA
P2
56.0
71.0
Q1
71.0
90.0
Q2
90.0
112.0
Note:
Tolerance of Luminous Intensity: ±11%
Bin Range of Dominant Wavelength
Bin Code
Min.
Max.
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com