Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAST3215YA3-AM Datasheet(PDF) 13 Page - Everlight Electronics Co., Ltd

Part # EAST3215YA3-AM
Description  RoHS compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST3215YA3-AM Datasheet(HTML) 13 Page - Everlight Electronics Co., Ltd

Back Button EAST3215YA3-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 11Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 12Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 13Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 14Page - Everlight Electronics Co., Ltd EAST3215YA3-AM Datasheet HTML 15Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-08-06 14:16:48.0
DATASHEET
SMD  B
EAST3215YA3-AM
13 Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 03-Aug-2009 .Issue No:
DSE-0011885
www.everlightamericas.com
Precautions for Use
1. Soldering Condition (Reference: IPC/JEDEC J-STD-020D)
(A)IR reflow
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Times(s)
max. 120s
max. 100s
max. 30s
max. Ramp Up 3
℃/s
max. Ramp Down 6
℃/s
217
℃
240
℃
255
℃
245
℃
max. 260
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com