Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8176FSZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 10Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 11Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 12Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 13Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 14Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 15Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EL8176
FN7436 Rev 9.00
Page 12 of 16
January 6, 2015
Applications Information
Introduction
The EL8176 is a rail-to-rail input and output micro-power
precision single supply operational amplifier with an enable
feature. The device achieves rail-to-rail input and output
operation and eliminates the concerns introduced by a
conventional rail-to-rail I/O operational amplifier as discussed
below.
Rail-to-Rail Input
The input common-mode voltage range of the EL8176 goes from
negative supply to positive supply without introducing offset errors
or degrading performance associated with a conventional
rail-to-rail input operational amplifier. Many rail-to-rail input stages
use two differential input pairs, a long-tail PNP (or PFET) and an
NPN (or NFET). Severe penalties have to be paid for this circuit
topology. As the input signal moves from one supply rail to
another, the operational amplifier switches from one input pair to
the other causing drastic changes in input offset voltage and an
undesired change in magnitude and polarity of input offset
current.
The EL8176 achieves input rail-to-rail without sacrificing
important precision specifications and without degrading
distortion performance. The EL8176's input offset voltage
exhibits a smooth behavior throughout the entire common-mode
input range. The input bias current versus the common-mode
voltage range for the EL8176 gives us an undistorted behavior
from typically 10mV above the negative rail all the way up to the
positive rail.
FIGURE 43. ±SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V, AV = 2
FIGURE 44. ±SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V, AV = 2
FIGURE 45. AVOL, RL = 100k, VS ±2.5V, VO = ±2V
Typical Performance Curves (Continued)
0.09
0.11
0.13
0.15
0.17
0.19
0.21
0.23
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 12
MIN
MAX
MEDIAN
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MEDIAN
MIN
MAX
0
100
200
300
400
500
600
700
800
900
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MEDIAN
MAX
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com