Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8176FSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8176FSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL8176FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8176FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7436 Rev 9.00
Page 1 of 16
January 6, 2015
FN7436
Rev 9.00
January 6, 2015
EL8176
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
DATASHEET
The EL8176 is a precision low power, operational amplifier.
The device is optimized for single supply operation between
2.4V to 5.5V.
The EL8176 draws minimal supply current while meeting
excellent DC-accuracy noise and output drive specifications.
Competing devices seriously degrade these parameters to
achieve micropower supply current.
The EL8176 can be operated from one lithium cell or two Ni-Cd
batteries. The input range includes both positive and negative
rail. The output swings to both rails.
Features
• 55µA supply current
• 100µV max offset voltage (8 Ld SO)
•2nA input bias current
• 400kHz gain-bandwidth product
• Single supply operation down to 2.4V
• Rail-to-rail input and output
• Output sources 31mA and sinks 26mA load current
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
•Medical devices
• Thermocouple amplifiers
• Photodiode pre amps
• pH probe amplifiers
Pin Configurations
EL8176
(6 LD SOT-23)
TOP VIEW
EL8176
(8 LD SO)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
EN
V+
OUT
V-
NC


Similar Part No. - EL8176FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176FSZ INTERSIL-EL8176FSZ Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8176FSZ INTERSIL-EL8176FSZ Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176FSZ-T7 INTERSIL-EL8176FSZ-T7 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8176FSZ-T7 INTERSIL-EL8176FSZ-T7 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results

Similar Description - EL8176FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 22, 2007
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com