Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55121IBZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HC55121IBZ Datasheet HTML 5Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 6Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 7Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 8Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 9Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 10Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 11Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 12Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
INSERTION LOSS
2-Wire to 4-Wire
Forward and Reverse
0dBm, 1kHz
•
•••
PTG = Open (Note 19, Figure 8)
-0.2
-
0.2
dB
Forward
Only
Forward
Only
PTG = GND (Note 20, Figure 8)
-6.22
-6.02
-5.82
dB
4-Wire to 2-Wire
Forward and Reverse
0dBm, 1kHz (Note 21, Figure 8)
-0.2
-
0.2
dB
Forward
Only
•
Forward
Only
•••
GAIN TRACKING (Ref = -10dBm, at 1.0kHz)
2-Wire to 4-Wire
Forward and Reverse
-40dBm to +3dBm (Note 22, Figure 8)
-0.1
-
0.1
dB
Forward
Only
•
Forward
Only
•••
-55dBm to -40dBm (Note 22, Figure 8)
-0.2
-
0.2
dB
4-Wire to 2-Wire
Forward and Reverse
-40dBm to +3dBm (Note 23, Figure 8)
-0.1
-
0.1
dB
Forward
Only
•
Forward
Only
•••
-55dBm to -40dBm (Note 23, Figure 8)
-0.2
-
0.2
dB
NOISE
Idle Channel Noise at 2-Wire
C-Message Weighting
-
10.5
13
dBrnC
Forward
Only
•
Forward
Only
•••
Forward and Reverse
Psophometric Weighting (Note 24,
Note 30, Figure 9)
-
-79.5
-77
dBmp
Idle Channel Noise at 4-Wire
C-Message Weighting
-
10.5
13
dBrnC
Forward
Only
•
Forward
Only
•••
Forward and Reverse
Psophometrical Weighting
(Note 25, Note 30, Figure 9)
-
-79.5
-77
dBmp
HARMONIC DISTORTION
2-Wire to 4-Wire
Forward and Reverse
0dBm, 0.3kHz to 3.4kHz
(Note 26, Figure 7)
-
-67
-50
dB
Forward
Only
•
Forward
Only
•••
4-Wire to 2-Wire
Forward and Reverse
0dBm, 0.3kHz to 3.4kHz
(Note 27, Figure 8)
-
-67
-50
dB
Forward
Only
•
Forward
Only
•••
FIGURE 10. CONSTANT LOOP CURRENT TOLERANCE
FIGURE 11. TIPX VOLTAGE
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1
600
VTR
RL
TIP
RING
VTX
VRX
RLIM
RLIM
38.3k
TIP
RING
S
R1
7k
VBH
VTX
VRX
IR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com