Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55121IBZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HC55121IBZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55121IBZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HC55121IBZ Datasheet HTML 1Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 2Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 3Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 4Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 5Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 6Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 7Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 8Page - Renesas Technology Corp HC55121IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FN4659 Rev 13.00
Page 1 of 36
June 1, 2006
FN4659
Rev 13.00
June 1, 2006
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
Low Power UniSLIC14 Family
DATASHEET
The UniSLIC14 is a family of Ultra Low Power SLICs. The
feature set and common pinouts of the UniSLIC14 family
positions it as a universal solution for: Plain Old Telephone
Service (POTS), PBX, Central Office, Loop Carrier, Fiber in
the Loop, ISDN-TA and NT1+, Pairgain and Wireless Local
Loop.
The UniSLIC14 family achieves its ultra low power operation
through: Its automatic single and dual battery selection (based
on line length) and battery tracking anti clipping to ensure the
maximum loop coverage on the lowest battery voltage. This
architecture is ideal for power critical applications such as
ISDN NT1+, Pairgain and Wireless local loop products.
The UniSLIC14 family has many user programmable features.
This family of SLICs delivers a low noise, low component
count solution for Central Office and Loop Carrier universal
voice grade designs. The product family integrates advanced
pulse metering, test and signaling capabilities, and zero
crossing ring control.
The UniSLIC14 family is designed in the Intersil “Latch” free
Bonded Wafer process. This process dielectrically isolates the
active circuitry to eliminate any leakage paths as found in our
competition’s JI process. This makes the UniSLIC14 family
compliant with “hot plug” requirements and operation in harsh
outdoor environments.
Features
• Ultra Low Active Power (OHT) < 60mW
• Single/Dual Battery Operation
• Automatic Silent Battery Selection
• Power Management/Shutdown
• Battery Tracking Anti Clipping
• Single 5V Supply with 3V Compatible Logic
• Zero Crossing Ring Control
- Zero Voltage On/Zero Current Off
• Tip/Ring Disconnect
• Pulse Metering Capability
• 4 Wire Loopback
• Programmable Current Feed
• Programmable Resistive Feed
• Programmable Loop Detect Threshold
• Programmable On-Hook and Off-Hook Overheads
• Programmable Overhead for Pulse Metering
• Programmable Polarity Reversal Time
• Selectable Transmit Gain 0dB/-6dB
• 2 Wire Impedance Set by Single Network
• Loop and Ground Key Detectors
• On-Hook Transmission
• Common Pinout
• Pb-Free Plus Anneal Available (RoHS Compliant)
• HC55121
- Polarity Reversal
• HC55130
- -63dB Longitudinal Balance
• HC55140
- Polarity Reversal
- Ground Start
- Line Voltage Measurement
- 2 Wire Loopback
- -63dB Longitudinal Balance
• HC55142
- Polarity Reversal
- Ground Start
- Line Voltage Measurement
-2.2VRMS Pulse Metering
- 2 Wire Loopback
• HC55150
- Polarity Reversal
- Line Voltage Measurement
-2.2VRMS Pulse Metering
- 2 Wire Loopback
Related Literature
• AN9871, User’s Guide for UniSLIC14 Eval Board
• AN9903, UniSLIC14 and TI TCM38C17
RRLY
DT
DR
TIP
RING
VBH
VCC
RING AND TEST
RELAY DRIVERS
RING TRIP
DETECTOR
VBL
BGND
BATTERY
SELECTION
AND
BIAS
NETWORK
ZERO CURRENT
2-WIRE
INTERFACE
CROSSING
TRLY1
TRLY2
VTX
VRX
C1
C2
C3
GKD_LVM
ROH
RD
CDC
RDC_RAC
ZT
CH
LOOP CURRENT
DETECTOR
PTG
ILIM
STATE
DECODER
AND
DETECTOR
LOGIC
GKD/LOOP LENGTH
DETECTOR
RSYNC_REV
SHD
4-WIRE INTERFACE
VF SIGNAL PATH
LINE FEED
CONTROL
C4
C5
CRT_REV_LVM
POLARITY
REVERSAL
PULSE METERING
SPM
SIGNAL PATH
AGND
Block Diagram
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HC55121IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55121IBZ INTERSIL-HC55121IBZ Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
More results

Similar Description - HC55121IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
logo
Silicon Laboratories
SI102X SILABS-SI102X Datasheet
4Mb / 538P
Ultra Low Power 128K, LCD MCU Family
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
iCE40??HX-Series Ultra Low-Power FPGA Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
Ultra Low Power 128K, LCD MCU Family
logo
List of Unclassifed Man...
PGEW ETC2-PGEW Datasheet
679Kb / 6P
Low-Cost High-Power Laser-Diode Family
logo
Silicon Laboratories
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com