Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2SW-3T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # D2SW-3T
Description  Watertight Miniature Basic Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D2SW-3T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  D2SW-3T Datasheet HTML 1Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 2Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 3Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 4Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 5Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
D2SW
D2SW
131
Lead Wire Model
Note:
The following illustration and dimensions are for models with pin plungers. The dimensions and operating characteristics of the actua-
tors of models incorporating them are the same as those of the actuators of models with both actuators and terminals.
Common terminal (black)
Vinyl insulator
Normally open terminal (blue)
Stranded annealed copper wires
Normally
closed terminal
(red)
2.9
9.2
7.5
±0.1
1.8 dia.
16.4 16.9
300
±10
(5)
6.4
±0.2
21.2
5.15
9.5
±0.1
2.35
+0.1
–0.05
2.35
+0.1
–0.05
dia. holes
2.5 dia.
±0.07
0.7
Kind of Terminals
3.3
±0.1
2.9
10.1
6.6
Three,
2.8
8.7
±0.2
5.15 9.5
±0.1
15.5
±0.2
19.8
±0.2
2.15
0.5
6.4
±0.2
Three,
1.2 dia.
holes
7.3
3.3
±0.1
1.8
1.6
2.9
R0.8
1.6
3.2
6.4
±0.2
0.5
19.8
±0.2
8.5
±0.2
5.15 9.5±0.1
15.5
±0.2
18.7
±0.2
7.2
3.3
±0.1
0.8
1.2
8.8
±0.2
5.15
1.85
9.5
±0.1
Three, 1.35 dia. to 1.5 holes
PCB thickness
t = 1.6 mm
1.3
6.4
±0.2
0.5
1.8
±0.1
2.9
0.7
3.9
Solder Terminals
Tab Terminals (#110)
PCB Terminals
PCB Mounting
8.8
+0.15
–0.05
16.1
±0.1
0.55
19.8
±0.2
16.1
±0.2
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com