Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2SW-3T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # D2SW-3T
Description  Watertight Miniature Basic Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D2SW-3T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  D2SW-3T Datasheet HTML 1Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 2Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 3Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 4Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 5Page - List of Unclassifed Manufacturers D2SW-3T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D2SW
D2SW
132
Precautions
Mounting
Use two M3 mounting screws with spring washers to mount the
switch. Tighten the screws to a torque of 0.23 to 0.26 N
S m (2.3 to
2.7 kgf
S cm).
Mounting Holes
9.5
Two 2.4 dia. or M2.3 mounting holes
When soldering a lead wire to a terminal of the D2SW, use a solder-
ing iron with a maximum capacity of 60 W and do not take more than
5 s to solder the lead wire, otherwise the characteristics of the
D2SW may be altered.
Make sure that there is no icing when using the D2SW at low ambi-
ent temperatures.
Operations
Make sure that the switching object is perfectly separated from the
actuator when the switch is not operated and the actuator is pressed
appropriately by the switching object when the switch is operated.
The switch should be set so that its stroke will be within the rated OT
when the switch is operated.
Install the switching object so that its moving direction is the same
as that of the actuator.
Handle D2SW models with pin plungers with care so that the sealing
rubber parts around the pin plungers will not be damaged.
Recommended conductor size for the 0.1 A-series solder terminal
is AWG26 to 18 (0.13 to 0.83 mm2).
Enclosure Ratings
The D2SW was tested underwater and passed the following water-
tightness tests, which however, does not mean that the D2SW can
be used in the water.
JIS C0920 (rules for testing the watertightness of electrical devices
and materials), class 7 (watertightness test). Refer to the following
illustration for the test method.
IEC Publication 529, class IP67. Refer to the following illustration for
the test method.
Note:
The object to be tested is left in the water for 30 minutes
on condition that the distance between the surface of the
water and the top of the object be 15 cm minimum and
the distance between the surface of the water and the
bottom of the object be 1 m minimum.
Water
Left for 30 mins.
Tested object
1m min.
15cm min.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. C97-E1-1
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com