Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM6210 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # DM6210
Description  dataModule medium speed analog input module
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6210 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button DM6210 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
4-7
BA + 12: Digital I/O Port 0 (Read/Write 8-bit)
This port transfers the 8-bit Port 0 digital input/output data between the module and external devices. The
bits are programmed as input or output in groups of 4 (P0.0 - P0.3 and P0.4 - P0.7) by writing to the Direction
Register at BA + 15. For all bits set as inputs, a read reads the input values and a write is ignored. For all bits
set as outputs, a read reads the last value sent out on the line and a write writes the current loaded value out to
the line.
Note that when any reset of the computer is performed , all digital lines are reset to inputs and their
corresponding output registers are cleared.
BA + 13: Digital I/O Port 1 (Read/Write 8-bit)
This port transfers the 8-bit Port 1 digital input/output data between the module and external devices. The
bits are programmed as input or output in groups of 4 (P1.0 - P1.3 and P1.4 - P1.7) by writing to the Direction
Register at BA + 15. For all bits set as inputs, a read reads the input values and a write is ignored. For all bits
set as outputs, a read reads the last value sent out on the line and a write writes the current loaded value out to
the line.
Note that when any reset of the computer is performed , all digital lines are reset to inputs and their
corresponding output registers are cleared.
'
'
'
'
'
'
'
'
3 3 3 3 3 3 3 3
BA + 14: Digital I/O Strobe Select (Read/Write 8-bit)
This register is used to select the strobe source for the digital inputs when either Port 0 or Port 1 is
programmed for latch mode. Both Port 0 and Port 1 must use the same strobe signal. Reading this register
returns the current settings.
'
'
'
'
'
'
'
'
3 3 3 3 3 3 3 3
'
'
'
'
'
'
'
'
Port 0 & 1 Latched Input Strobe Select
00 = External Clock 0 (CN3 - 39)
01 = External Clock 1 (CN3 - 43)
10 = External Clock 2 (CN3 - 45)
11 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com