Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM6210 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # DM6210
Description  dataModule medium speed analog input module
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6210 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button DM6210 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM6210 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
6-3
Software Selectable Interrupt Sources
The interrupt circuit on the DM6210 has 7 software selectable interrupt sources which can be pro-
grammed in bits 0 through 2 of the Interrupt Register at BA + 5, as described and shown below.
This register is used to set the interrupt source and channel. Reading this register returns the current
settings.
End-of-Convert - an interrupt is generated when the A/D conversion is done.
User TC Counter 0 out - an interrupt is generated when user TC Counter 0's count reaches 0.
User TC Counter 1 out - an interrupt is generated when user TC Counter 1's count reaches 0.
User TC Counter 2 out - an interrupt is generated when user TC Counter 2's count reaches 0.
External Clock 2 - an interrupt is generated when the external clock 2 (CN3 - 45) line is pulsed.
P0 Latch Status - an interrupt is generated when data has been latched into Port 0.
P1 Latch Status - an interrupt is generated when data has been latched into Port 1.
Software Selectable Interrupt Channel
There are 7 software selectable interrupt channels which can be programmed in bits 3 through 5 of the
Interrupt Register at BA + 5. The interrupt output is driven by an open collector device which is turned off
when the IRQ channel is set to disable. At power up or reset, this register is set to all zero's.
'
'
'
'
'
'
'
'
IRQ Source Select
000 = End-of-Convert
001 = User TC Counter 0 out
010 = User TC Counter 1 out
011 = User TC Counter 2 out
100 = External Clock 2
101 = P0 Latch Status
110 = P1 Latch Status
111 = Reserved
IRQ Channel Select
000 = Disabled
001 = IRQ3
010 = IRQ5
011 = IRQ9
100 = IRQ10
101 = IRQ11
110 = IRQ12
111 = IRQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com