Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPDZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICL7650SCPDZ
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650SCPDZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICL7650SCPDZ Datasheet HTML 3Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 4Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 5Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 6Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 7Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 8Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 9Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 10Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICL7650S
FN2920 Rev 10.00
Page 7 of 13
April 12, 2007
Normal logarithmic amplifiers are limited in dynamic range in
the voltage-input mode by their input-offset voltage. The
built-in temperature compensation and convenience
features of the ICL8048 can be extended to a voltage-input
dynamic range of close to 6 decades by using the ICL7650S
to offset-null the ICL8048, as shown in Figure 6. The same
concept can also be used with such devices as the HA2500
or HA2600 families of op amps to add very low offset voltage
capability to their very high slew rates and bandwidths. Note
that these circuits will also have their DC gains, CMRR, and
PSRR enhanced.
7650S
+
-
0.1
F
OUTPUT
C
R
C
R2
R1
CLAMP
INPUT
0.1
F
(R1||R2)  100k
For Full Clamp Effect
7650S
-
+
0.1
F
OUT
CLAMP
IN
0.1
F
741
-
+
-7.5V
+7.5V
+15V
-15V
10k
10k
NOTE: R1||R2 indicates the parallel combination of R1 and R2.
FIGURE 3. INVERTING AMPLIFIER WITH (OPTIONAL) CLAMP
FIGURE 4. USING 741 TO BOOST OUTPUT DRIVE CAPACITY
7650S
+
-
0.1
F
VOUT
C
R
C
CLAMP
VIN
0.1
F
VTH
200k
 - 2M
R
FIGURE 5. LOW OFFSET COMPARATOR
A1
+
-
+
-
A2
ICL7650S
+
-
VOUT
R1
15.9k
680
R2
GROUND
RREF
R3
Q1
2k
V+
Q2
R5
VREF
IREF
GAIN
33k
33k
150pF
C1
R0
10k
(LOW T.C.)
IIN
RIN
VIN
715
10
12
13
16
(+15V)
1k
4
5
2
1
ICL8048
NOTE: For further Applications Assistance, see AN053.
FIGURE 6. ICL8048 OFFSET NULLED BY ICL7650S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com