Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPDZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL7650SCPDZ
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650SCPDZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL7650SCPDZ Datasheet HTML 5Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 6Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 7Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 8Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 9Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 10Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 11Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 12Page - Renesas Technology Corp ICL7650SCPDZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICL7650S
FN2920 Rev 10.00
Page 10 of 13
April 12, 2007
FIGURE 17. OPEN LOOP GAIN AND PHASE SHIFT vs
FREQUENCY
NOTE: The two different responses correspond to the two phases of
the clock.
FIGURE 18. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (NOTE)
FIGURE 19. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (NOTE)
FIGURE 20. N-CHANNEL CLAMP CURRENT vs OUTPUT
VOLTAGE
FIGURE 21. P-CHANNEL CLAMP CURRENT vs OUTPUT VOLTAGE
Typical Performance Curves (Continued)
FREQUENCY (Hz)
0.01
0.1
1
10
100
1k
10k
100k
130
110
90
70
50
RL = 10k
CEXT = 1F
160
140
120
100
80
60
40
20
TIME (
s)
0
0.5
1.0
1.5
2.0
2.5
2
1
0
-1
-2
CLOCK OUT
HIGH
CLOCK OUT
LOW
TIME (
S)
2
1
0
-1
-2
00.5
1.0
1.5
2.0
CLOCK OUT
HIGH
CLOCK OUT
LOW
NOTE:
The two different responses correspond to the two phases of the clock.
OUTPUT VOLTAGE (
V-)
100
A
10
A
1
A
100nA
10nA
1nA
100pA
10pA
1pA
0.8
0.6
0.4
0.2
0
OUTPUT VOLTAGE (
V+)
100
A
10
A
1
A
100nA
10nA
1nA
100pA
10pA
1pA
-0.8
-0.6
-0.4
-0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com