Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8394IB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL8394IB
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8394IB Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL8394IB Datasheet HTML 1Page - Renesas Technology Corp ISL8394IB Datasheet HTML 2Page - Renesas Technology Corp ISL8394IB Datasheet HTML 3Page - Renesas Technology Corp ISL8394IB Datasheet HTML 4Page - Renesas Technology Corp ISL8394IB Datasheet HTML 5Page - Renesas Technology Corp ISL8394IB Datasheet HTML 6Page - Renesas Technology Corp ISL8394IB Datasheet HTML 7Page - Renesas Technology Corp ISL8394IB Datasheet HTML 8Page - Renesas Technology Corp ISL8394IB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL8394
FN6038 Rev 3.00
Page 4 of 11
March 13, 2006
NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
12
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
39
-
pF
OFF Isolation
RL = 50, CL = 15pF, f = 1MHz,
VNO or VNC = 1VRMS, (See Figures 4 and 6)
25
-
71
-
dB
Crosstalk, (Note 8)
25
-
-92
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2.0
-
6V
Positive Supply Current, I+
VS = 5.5V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
A
Full
-1
-
1
A
Negative Supply Current, I-
25
-1
0.01
1
A
Full
-1
-
1
A
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range. Flatness
specifications are guaranteed only with specified voltages.
8. Between any two switches.
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
(See Figure 5)
25
-
25
65
Full
-
-
75
RON Matching Between Channels,
RON
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 3V
25
-
0.5
2
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V,
(Note 7)
25
-
-
6
Full
-
-
8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V,
(Note 6)
25
-0.2
-
0.2
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = VNO or VNC = 4.5V, (Note 6)
25
-0.4
-
0.4
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
-
-
V
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-1
-
1
A
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
80
250
ns
Full
-
-
300
ns
Electrical Specifications: 5V Supply Test Conditions: VSUPPLY = 4.5V to 5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com