Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8394IB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8394IB
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8394IB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8394IB Datasheet HTML 3Page - Renesas Technology Corp ISL8394IB Datasheet HTML 4Page - Renesas Technology Corp ISL8394IB Datasheet HTML 5Page - Renesas Technology Corp ISL8394IB Datasheet HTML 6Page - Renesas Technology Corp ISL8394IB Datasheet HTML 7Page - Renesas Technology Corp ISL8394IB Datasheet HTML 8Page - Renesas Technology Corp ISL8394IB Datasheet HTML 9Page - Renesas Technology Corp ISL8394IB Datasheet HTML 10Page - Renesas Technology Corp ISL8394IB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL8394
FN6038 Rev 3.00
Page 9 of 11
March 13, 2006
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
V+ (V)
VCOM = (V+) - 1V
ICOM = 1mA
46
8
10
12
0
12.5
25
37.5
50
62.5
3
579
11
V- = -5V
-40°C
85°C
V- = 0V
25°C
10
15
20
25
25°C
-40°C
85°C
15
20
25
30
35
20
30
40
50
60
30
40
50
60
70
80
VCOM (V)
02
4
13
5
V+ = 2.7V
V+ = 5V
25°C
-40°C
85°C
ICOM = 1mA
V- = 0V
V- = 0V
V+ = 3.3V
25°C
-40°C
85°C
V- = 0V
25°C
85°C
-40°C
20
20
25
30
35
40
45
10
15
20
25
VCOM (V)
-4
-2
0
2
4
-5
-3
-1
1
3
5
VS =5V
VS =3V
ICOM = 1mA
VS =2V
25°C
85°C
25°C
-40°C
85°C
-40°C
5
10
15
20
25
30
35
25°C
-40°C
85°C
VCOM (V)
-5
0
5
-5
5
15
-2.5
2.5
-10
0
10
VS =5V
V+ = 5V
V+ = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com