Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESC1621 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ESC1621
Description  RAM Mapping 32 X 4 LCD Controller for I/O uC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESC1621 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ESC1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESC1621
p. 5
Last update: 2004-03-05 12:13
D.C. Characteristics
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
—
—
2.4
—
5.2
V
3V
—
220
300
µA
IDD1
Operating Current
5V
No load/LCD ON
On-chip RC oscillator
—
450
600
µA
3V
—
90
120
µA
IDD2
Operating Current
5V
No load/LCD ON
Crystal oscillator
—
180
240
µA
3V
—
150
200
µA
IDD3
Operating Current
5V
No load/LCD ON
External clock source
—
300
400
µA
3V
—
0.1
5
µA
ISTB
Standby Current
5V
No load
Power down mode
—
0.3
10
µA
3V
0
—
0.6
V
VIL
Input Low Voltage
5V
DATA,
WR, CS,
RD
0
—
1.0
V
3V
2.4
—
3.0
V
VIH
Input High Voltage
5V
DATA,
WR, CS,
RD
4.0
—
5.0
V
3V
VOL=0.3V
0.5
1.2
—
mA
IOL1
DATA, BZ,
BZ,
IRQ
5V
VOL=0.5V
1.3
2.6
—
mA
3V
VOH=2.7V
-0.4
-0.8
—
mA
IOH1
DATA, BZ,
BZ
5V
VOH=4.5 V
-0.9
-1.8
—
mA
3V
VOL=0.3V
80
150
—
µA
IOL2
LCD Common Sink Current
5V
VOL=0.5V
150
250
—
µA
3V
VOH=2.7V
-80
-120
—
µA
IOH2
LCD Common Source Cur-
rent
5V
VOH=4.5 V
-120
-200
—
µA
3V
VOL=0.3V
60
120
—
µA
IOL3
LCD Segment Sink Current
5V
VOL=0.5V
120
200
—
µA
3V
VOH=2.7V
-40
-70
—
µA
IOH3
LCD Segment Source Cur-
rent
5V
VOH=4.5 V
-70
-100
—
µA
3V
40
80
150
kO
RPH
Pull-high Resistor
5V
DATA,
WR, CS,
RD
30
60
100
kO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com