Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESC1621 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ESC1621
Description  RAM Mapping 32 X 4 LCD Controller for I/O uC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESC1621 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ESC1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ESC1621
p. 7
Last update: 2004-03-05 12:13
Application Circuits
Host controller with a ESC1621 display system
Note: The connection of IRQ and RD pin can be selected depending on the requirement of the µC.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15kO+20%
Adjust R (external pull- high resistance) to fit user’
s time base clock.
DATA
OSCI
OSCO
COM0 COM3
~
SEG0 SEG31
~
VLCD
VDD
BZ
1/2 or 1/3 Bias; 1/2, 1/3 or 1/4 Duty
LCD PANEL
µC
ESC1621
Clock Out
External Clock 1
External Clock 2
On-chip OSC
Crystal
32768Hz
R
*
*
VR
*
Piezo
BZ
IRQ
WR
RD
CS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com