Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 62Page - NXP Semiconductors IMX7DCEC Datasheet HTML 63Page - NXP Semiconductors IMX7DCEC Datasheet HTML 64Page - NXP Semiconductors IMX7DCEC Datasheet HTML 65Page - NXP Semiconductors IMX7DCEC Datasheet HTML 66Page - NXP Semiconductors IMX7DCEC Datasheet HTML 67Page - NXP Semiconductors IMX7DCEC Datasheet HTML 68Page - NXP Semiconductors IMX7DCEC Datasheet HTML 69Page - NXP Semiconductors IMX7DCEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 158 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
66
4.8.4
DDR SDRAM-specific parameters (DDR3, DDR3L, LPDDR3, and
LPDDR2)
4.8.4.1
DDR3/DDR3L parameters
Figure 24 shows the DDR3 basic timing diagram with the timing parameters provided in Table 47.
Figure 24. DDR3 Command and Address Timing Diagram
Table 47. DDR3 timing parameters
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
DDR1 DRAM_SDCLKx_P clock high-level width
tCH
0.47
0.53
tCK
DDR2 DRAM_SDCLKx_P clock low-level width
tCL
0.47
0.53
tCK
DDR4 DRAM_CSx_B, DRAM_RAS_B, DRAM_CAS_B, DRAM_SDCKE, DRAM_SDWE_B,
DRAM_SDODTx setup time
tIS
425
—
ps
DDR5 DRAM_CSx_B, DRAM_RAS_B, DRAM_CAS_B, DRAM_SDCKE, DRAM_SDWE_B,
DRAM_SDODTx hold time
tIH
375
—
ps
DDR6 Address output setup time
tIS
425
—
ps
DDR7 Address output hold time
tIH
375
—
ps
DRAM_SDWE_B
DRAM_ADDRxx
ROW/BA
COL/BA
DDR1
DDR2
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
DRAM_SDCLKx_P
DRAM_ODTx /
DDR4
DRAM_SDCKEx
DRAM_SDCLKx_N
DRAM_CSx_B
DRAM_RAS_B
DRAM_CAS_B
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com