Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 9Page - NXP Semiconductors IMX7DCEC Datasheet HTML 10Page - NXP Semiconductors IMX7DCEC Datasheet HTML 11Page - NXP Semiconductors IMX7DCEC Datasheet HTML 12Page - NXP Semiconductors IMX7DCEC Datasheet HTML 13Page - NXP Semiconductors IMX7DCEC Datasheet HTML 14Page - NXP Semiconductors IMX7DCEC Datasheet HTML 15Page - NXP Semiconductors IMX7DCEC Datasheet HTML 16Page - NXP Semiconductors IMX7DCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 158 page
background image
Modules list
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
13
QSPI
Quad SPI
Connectivity
peripherals
Quad SPI module act as an interface to external serial
flash devices. This module contains the following
features:
• Flexible sequence engine to support various flash
vendor devices
• Single pad/Dual pad/Quad pad mode of operation
• Single Data Rate/Double Data Rate mode of
operation
• Parallel Flash mode
• DMA support
• Memory mapped read access to connected flash
devices
• Multi-master access with priority and flexible and
configurable buffer for each master
SAI1
SAI2
SAI3
Synchronous Audio
Interface
Connectivity
peripherals
The SAI module provides a synchronous audio
interface (SAI) that supports full duplex serial interfaces
with frame synchronization, such as I2S, AC97, TDM,
and codec/DSP interfaces.
SDMA
Smart Direct Memory
Access
System control
peripherals
The SDMA is a multichannel flexible DMA engine. It
helps in maximizing system performance by offloading
the various cores in dynamic data routing. It has the
following features:
• Powered by a 16-bit Instruction-Set micro-RISC
engine
• Multi-channel DMA supporting up to 32 time-division
multiplexed DMA channels
• 48 events with total flexibility to trigger any
combination of channels
• Memory accesses including linear, FIFO, and 2D
addressing
• Shared peripherals between ARM and SDMA
• Very fast Context-Switching with 2-level priority
based preemptive multi-tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers
(increment, decrement, and no address changes on
source and destination address)
• DMA ports can handle unidirectional and
bidirectional flows (Copy mode)
• Up to 8-word buffer for configurable burst transfers
for EMIv2.5
• Support of byte-swapping and CRC calculations
• Library of Scripts and API is available
SIMv2-1
SIMv2-2
Smart Card
Connectivity
peripherals
Smart card interface designed to be compatible with
ISO7816.
Table 2. i.MX 7Dual modules list(continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com