Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS17P Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFS17P
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17P Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFS17P Datasheet HTML 1Page - Infineon Technologies AG BFS17P Datasheet HTML 2Page - Infineon Technologies AG BFS17P Datasheet HTML 3Page - Infineon Technologies AG BFS17P Datasheet HTML 4Page - Infineon Technologies AG BFS17P Datasheet HTML 5Page - Infineon Technologies AG BFS17P Datasheet HTML 6Page - Infineon Technologies AG BFS17P Datasheet HTML 7Page - Infineon Technologies AG BFS17P Datasheet HTML 8Page - Infineon Technologies AG BFS17P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Electrical Characteristics
Table 3
DC Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Collector-emitter breakdown
voltage
V(BR)CEO 15
–
–
V
IC = 1 mA, IB = 0
Collector-base cutoff current
ICBO
–
–
0.05
µA
VCB = 10 V, IE = 0
–
–
10
VCB = 25 V, IE = 0
Emitter-base cutoff current
IEBO
–
–
100
µA
VEB = 2.5 V, IC = 0
DC current gain
hFE
40
–
150
–
IC = 2 mA, VCE = 1 V
pulse measured
20
70
–
IC = 25 mA, VCE = 1 V
pulse measured
Collector-emitter saturation
voltage
VCEsat
–
0.1
0.4
V
IC = 10 mA, IB = 1 mA
Table 4
AC Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Transition frequency
fT
1
1.4
–
GHz
IC = 2 mA, VCE = 5 V,
f = 200 MHz
1.3
2.5
–
IC = 25 mA, VCE = 5 V,
f = 200 MHz
Collector-base capacitance
Ccb
–
0.55
0.8
pF
VCB = 5 V, f = 1 MHz,
VBE = 0 , emitter grounded
Collector emitter capacitance Cce
–
0.27
pF
VCE = 5 V, f = 1 MHz,
VBE = 0 , base grounded
Emitter-base capacitance
Ceb
–
0.9
1.45
pF
VEB = 0.5 V, f = 1 MHz,
VCB = 0 , collector grounded
Minimum noise figure
NFmin
–
3.5
5
dB
IC = 2 mA, VCE = 5 V,
ZS = 50Ω, f = 800 MHz
Transducer gain
|S21e|2
–
13
–
dB
IC = 20 mA, VCE = 5 V,
ZS = ZL = 50Ω, f = 500 MHz
Third order intercept point at
output
OIP3
–
21.5
–
dBm
VCE = 5 V, IC = 20 mA,
f = 800 MHz, ZS = ZSopt,
ZL = ZLopt
1dB compression point
P-1dB
–
10
–
dBm
IC = 20 mA, VCE = 5 V,
ZS = ZL = 50Ω, f = 800 MHz
BFS17P
NPN Silicon RF Transistor
Electrical Characteristics
Datasheet
4
Revision 1.1
2017-06-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com