Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS17P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFS17P
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17P Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFS17P Datasheet HTML 2Page - Infineon Technologies AG BFS17P Datasheet HTML 3Page - Infineon Technologies AG BFS17P Datasheet HTML 4Page - Infineon Technologies AG BFS17P Datasheet HTML 5Page - Infineon Technologies AG BFS17P Datasheet HTML 6Page - Infineon Technologies AG BFS17P Datasheet HTML 7Page - Infineon Technologies AG BFS17P Datasheet HTML 8Page - Infineon Technologies AG BFS17P Datasheet HTML 9Page - Infineon Technologies AG BFS17P Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
10-6
10-5
10-4
10-3
10-2
10-1
100
t
p [sec]
1
10
100
D = 0
D = .005
D = .01
D = .02
D = .05
D = .1
D = .2
D = .5
Figure 3
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
0
2
4
6
8
10
12
V
CE
[V]
0
5
10
15
20
25
30
35
40
45
50
I
B=10µA
P
tot = 280mW
I
B=57µA
I
B=103µA
I
B=150µA
I
B=196µA
I
B=243µA
I
B=382µA
I
B=336µA
I
B=429µA
I
B=289µA
Figure 4
Collector current IC = f(VCE), IB = parameter
BFS17P
NPN Silicon RF Transistor
Typical characteristics diagrams
Datasheet
6
Revision 1.1
2017-06-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com