Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8213 Datasheet HTML 5Page - Analog Devices AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices AD8213 Datasheet HTML 12Page - Analog Devices AD8213 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
AD8213
Rev. D | Page 9 of 14
1000
800
600
400
200
0
–15
15
10
5
0
–5
–10
VOS (µV/°C)
Figure 22. Offset Drift Distribution (VOS),
Temperature Range = −40°C to +125°C
1400
1200
1000
800
600
400
200
0
0
–3
–6
–9
–12
–15
–18
–21
–24
GAIN DRIFT (ppm/°C)
Figure 23. Gain Drift Distribution, Temperature Range = −40°C to +125°C
2100
1800
1500
1200
900
600
300
0
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
VOS (mV)
TEMP = –40°C
TEMP = +25°C
TEMP = +125°C
Figure 24. Offset Distribution (VOS), VCM = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com