Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8213
Description  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices AD8213 Datasheet HTML 12Page - Analog Devices AD8213 Datasheet HTML 13Page - Analog Devices AD8213 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
AD8213
Rev. D | Page 11 of 14
APPLICATION NOTES
OUTPUT LINEARITY
In all current sensing applications, and especially in automotive
and industrial environments where the common-mode voltage
can vary significantly, it is important that the current sensor
maintain the specified output linearity, regardless of the input
differential or common-mode voltage. The AD8213 contains
specific circuitry on the input stage, which ensures that even
when the differential input voltage is very small, and the common-
mode voltage is also low (below the 5 V supply), the input to
output linearity is maintained. Figure 26 displays the input
differential voltage vs. the corresponding output voltage at
different common modes.
220
200
180
160
140
120
100
80
60
40
20
0
0123456789
10
VIN DIFFERENTIAL (mV)
IDEAL VOUT
VOUT @ VCM = 0V
VOUT @ VCM = 65V
Figure 26. Gain Linearity due to Differential and Common-Mode Voltage
The AD8213 provides a correct output voltage, regardless of the
common mode, when the input differential is at least 2 mV,
which is due to the voltage range of the output amplifier that
can go as low as 33 mV typical. The specified minimum output
amplifier voltage is 100 mV in order to provide sufficient guard
bands. The ability of the AD8213 to work with very small
differential inputs regardless of the common-mode voltage,
allows more dynamic range, accuracy, and flexibility in any
current sensing application.
LOW-PASS FILTERING
In typical applications, such as motor and solenoid current
sensing, filtering the differential input signal of the AD8213 can
be beneficial in reducing differential common-mode noise as
well as transients and current ripples flowing through the input
shunt resistor. Typically, such a filter can be implemented by
adding a resistor in series with each input and a capacitor directly
between the input pins. However, the AD8213 features a filter pin
available after the input stage but before the final amplification
stage. The user can connect a capacitor to ground, making a
low-pass filter with the internal precision trimmed, 20 kΩ
resistor. Connecting this capacitor to ground, results in no gain
or CMRR errors. Figure 27 shows the typical connection.
A2
G = +20
PROPRIETARY
OFFSET
CIRCUITRY
A1
G = +20
RSHUNT1
RSHUNT2
ISHUNT1
ISHUNT2
PROPRIETARY
OFFSET
CIRCUITRY
V+
AD8213
20kΩ
20kΩ
R2 (1)
R2 (2)
R1 (1)
R1 (2)
GND
CAP2
CAP1
CF2
CF1
Figure 27. Filter Capacitor Connections
Use the following formula to calculate the 3 dB frequency of
this low-pass filter:

FILTER
dB
C
f
20000
2
1
3
It is recommended to always place a capacitor from the filter
pin to GND to prevent the output chatter due to noise
potentially entering through the filter pin and coupling to the
output. This capacitor can be a ≈20 pF capacitor in cases when
all of the bandwidth of the AD8213 is needed in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com