Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCKB1111CS-TR Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  VCKB1111CS-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
VCKB1111CS-TR
Specifications
mA
Operating temperature
Soldering temperature "Reflow soldering"
【 Thermal characteristics 】
-40 ~ +110
IF Derate linearly from "85℃"
Thermal resistance 【Junction - Ambient】
Rth(j-a)
・Pattern Size:16mm2
℃/W
Rth(j-a) Measurement Condition
・Substrate:FR4(t=1.6mm)
Notes3
UNITS
Notes1
Notes2
Notes3
(Ta=25℃)
SYMBOL
ITEM
℃
IFRM
100
Topr
Reverse voltage
VR
5
IF
25
mA
ΔIFRM
4.0
mA/℃
88.8
Repetitive peak forward current
"1ms, 1/10 duty"
(Ta=25℃)
Milky white
InGaN
Blue
【 Product overview 】
RESIN COLOR
Power dissipation
Pd
IFRM Derate linearly from "85℃"
DIE MATERIAL
EMITTING COLOR
Forward current
V
Tsld
ΔIF
1.0
mA/℃
注1
℃
ITEM
SYMBOL
MAXIMUM RATINGS
UNITS
mW
Storage temperature
Tstg
Electro static discharge threshold "HBM"
ESD
1,000
V
Thermal resistance 【Junction - Solder point】
Rth(j-s)
℃/W
260
℃
【 Absolute maximum ratings 】
Junction Temperature
Tj
℃
125
300
450
TYP.
-40 ~ +100
ESD testing method:EIAJ4701/300(304) Human Body Model (HBM) 1.5kΩ,100pF
Please refer to page 8, "Soldering Conditions".
Notes1
Notes2
Page : 3
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com