Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCKB1111CS-TR Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
VCKB1111CS-TR
【Moisture-proof packaging specification】
Fastener for re-storage
after opening bag
Customer's opening position
Product Label
Heat Sealing position (after product being put in)
(Desiccant with indicator for moisture level is enclosed.)
1
A
Packaging specifications
NO.
PART NAME
MATERIAL
REMARKS
①
Moisture-proof bag
with Aluminum layer
PET+Al+PE
with ESD
protection
Yes
No
Yes
No
Yes
No
Baking LED under recommended condition
Product Mounting
Unused-product remained
Return to moisture-proof package and seal
Finished
Reopen the moisture-proof package
Flow chart:Package Opening to Mounting
Stored under recommended condition
Moisture-proof package first time opening
Allowable leaving time exceeded (*)
Discoloration of silica gel
Allowable leaving time means the
maximum allowable leaving time after
opening package, which depends on each
LED type.
The allowable leaving time should be
calculated form the first opening of package
to the time when soldering process is
finished.
When judging if the allowable leaving time
has exceeded or not, please subtract the
soldering time. The allowable leaving time
after reopening should be calculated form
the first opening of package, or from the
time when baking process is finished.
【Flow chart-package opening to mounting】
Page : 13
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com