Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76120ARTZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL76120ARTZ
Description  Automotive Grade USB 2.0 High/Full Speed Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL76120ARTZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL76120ARTZ Datasheet HTML 7Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 8Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 9Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 10Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 11Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 12Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 13Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 14Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL76120
FN6711 Rev 3.00
Page 13 of 15
January 9, 2015
FIGURE 13. HSx SWITCH ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. OFF-ISOLATION
FIGURE 15. CROSSTALK
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND (TDFN Paddle Connection: Tie to GND or Float)
TRANSISTOR COUNT:
98
PROCESS:
Submicron CMOS
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified. (Continued)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
00.1
0.2
0.3
0.4
VCOM (V)
+105°C
+85°C
+25°C
-40°C
FREQUENCY (Hz)
-60
0.01M
0.1M
1M
500M
-70
-80
-40
-90
-110
-10
-20
-30
-50
10M
0.001M
100M
VIN = 0.2VP-P TO 2VP-P
RL = 45Ω
FREQUENCY (Hz)
-60
0.01M
0.1M
1M
500M
-70
-80
-40
-90
-110
-10
-20
-30
-50
10M
0.001M
100M
VIN = 0.2VP-P TO 2VP-P
RL = 45Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com