Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76120ARTZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL76120ARTZ
Description  Automotive Grade USB 2.0 High/Full Speed Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL76120ARTZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL76120ARTZ Datasheet HTML 1Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 2Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 3Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 4Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 5Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 6Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 7Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 8Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL76120
FN6711 Rev 3.00
Page 2 of 15
January 9, 2015
Pin Configuration
ISL76120
(10 LD TDFN)
TOP VIEW
NOTE:
1. ISL76120 Switches Shown for IN = Logic “0” and EN = Logic “1”.
VDD
IN
COMD2
COMD1
HSD2
GND
1
2
3
4
5
10
9
8
7
6 FSD2
FSD1
EN
HSD1
LOGIC
CONTROL
4M
Truth Table
ISL76120
EN
IN
FSD1, FSD2
HSD1, HSD2
10
ON
OFF
11
OFF
ON
0X
OFF
OFF
Logic “0” when
0.5V, Logic “1” when 1.4V with a 2.7V to 3.6V
Supply. X = Don’t Care
Pin Descriptions
ISL76120
PIN
NUMBER
NAME
FUNCTION
1VDD
Power Supply
2
IN
Select Logic Control Input
3
COMD1
USB Common Port
4
COMD2
USB Common Port
5
GND
Ground Connection
6
FSD2
Full Speed USB Differential Port
7
FSD1
Full Speed USB Differential Port
8
HSD2
High Speed USB Differential Port
9
HSD1
High Speed USB Differential Port
10
EN
Bus Switch Enable
Ordering Information
PART NUMBER
(Notes 2, 3, 4)PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ISL76120ARTZ
6120
-40 to +105
10 Ld 3x3 TDFN
L10.3x3A
NOTES:
2. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see product information page for ISL76120. For more information on MSL, please see tech brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com