Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIA120STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LIA120STR
Description  Optically Isolated Linear Error Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA120STR Datasheet(HTML) 3 Page - IXYS Corporation

  LIA120STR Datasheet HTML 1Page - IXYS Corporation LIA120STR Datasheet HTML 2Page - IXYS Corporation LIA120STR Datasheet HTML 3Page - IXYS Corporation LIA120STR Datasheet HTML 4Page - IXYS Corporation LIA120STR Datasheet HTML 5Page - IXYS Corporation LIA120STR Datasheet HTML 6Page - IXYS Corporation LIA120STR Datasheet HTML 7Page - IXYS Corporation LIA120STR Datasheet HTML 8Page - IXYS Corporation LIA120STR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LIA120
www.clare.com
3
Rev. 2.0
R1
FIG. 1. V
REF, VF, ILED (MIN) TEST CIRCUIT
FIG. 2. I
REF TEST CIRCUIT
FIG. 4. CTR TEST CIRCUIT
FIG. 3. I
OFF, IKAO TEST CIRCUIT
VCC = +5V
DC
VOUT
VCM
10VPP
R1
100K
+
_
Fig. 5. CMRR Test Circuit
ILED
V
F
2
3
5
6
7
8
V
V
REF
I
LED
2
3
5
6
7
8
V
V
REF
I
LED
I
REF
V
REF
V
KA
V
IN
2
3
5
6
7
8
V
10V
I
OFF
I
KAO
2
3
5
6
7
8
V
COMP
2
3
5
6
7
8
V
I
LED
I
KA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com