Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR3045C
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR3045C Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR3045C Datasheet HTML 1Page - Diodes Incorporated MBR3045C Datasheet HTML 2Page - Diodes Incorporated MBR3045C Datasheet HTML 3Page - Diodes Incorporated MBR3045C Datasheet HTML 4Page - Diodes Incorporated MBR3045C Datasheet HTML 5Page - Diodes Incorporated MBR3045C Datasheet HTML 6Page - Diodes Incorporated MBR3045C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR3045C
Document number: DS36957 Rev. 4 - 2
4 of 7
www.diodes.com
February 2017
© Diodes Incorporated
MBR3045C
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Maximum Thermal Resistance (Junction to Case)
(Note 8)
RθJC
TO-220-3 (2)
2.0
°C/W
TO-220F-3 (Option 1)
4.0
Maximum Thermal Resistance (Junction to Ambient)
(Note 8)
RθJA
TO-220-3 (2)
15
TO-220F-3 (Option 1)
25
Note 8:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
Electrical Characteristics (Each Diode Leg)
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum Instantaneous Forward Voltage Drop
(Note 9)
VF
0.7
V
IF = 15A, TC = +25°C
0.57
IF = 15A, TC = +125°C
Maximum Instantaneous Reverse Current
(Note 9)
IR
20
mA
Rated DC Voltage, TC = +125°C
0.1
Rated DC Voltage, TC = +25°C
Note 9:
Short duration pulse test used to minimize self-heating effect, Pulse Test Width = 300µs, Duty Cycle < 2.0%.
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Average Rectified Forward Current vs.
Case Temperature (Each Diode)
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
F
, Instantaneous Forward Voltage (V)
25
oC
125
oC
150
oC
0
20
40
0.1
1
10
100
1000
10000
100000
V
R
, Reverse Voltage (V)
25
oC
125
oC
150
oC
100
105
110
115
120
125
130
135
140
145
150
155
160
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
Note 8
T
C
, Case Temperature (
oC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com