Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR3045C
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR3045C Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR3045C Datasheet HTML 1Page - Diodes Incorporated MBR3045C Datasheet HTML 2Page - Diodes Incorporated MBR3045C Datasheet HTML 3Page - Diodes Incorporated MBR3045C Datasheet HTML 4Page - Diodes Incorporated MBR3045C Datasheet HTML 5Page - Diodes Incorporated MBR3045C Datasheet HTML 6Page - Diodes Incorporated MBR3045C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MBR3045C
Document number: DS36957 Rev. 4 - 2
1 of 7
www.diodes.com
February 2017
© Diodes Incorporated
MBR3045C
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
45
2x15
0.7
0.1
Description
High efficiency dual Schottky rectifier suited for switch mode power
supplies and other power converters. This device is intended for use
in medium voltage operation, and particularly, in high frequency
circuits where low switching losses and low noise are required.
MBR3045C is available in TO-220-3 (2) and TO-220F-3 (Option 1)
packages.
Applications
Power Supply Output Rectification
Power Management
Instrumentation
Features
Low Forward Voltage: 0.7V @ +25°C
High Surge Current Capability
+150°C Operating Junction Temperature
30A Total (15A Each Diode Leg)
Guard-Ring for Stress Protection
Pb-free Package
TO-220-3 (2) and TO-220F-3 (Option 1)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Available in ―Green‖ Packages: TO-220-3 (2) and TO-220F-3
(Option 1)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO-220-3 (2), TO-220F-3 (Option 1)
Case Material: Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight:
TO-220-3 (2)
– 1.9 Grams (Approximate)
TO-220F-3 (Option 1)
– 1.69 Grams (Approximate)
TO-220F-3 (Option 1)
TO-220-3 (2)
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Front View)
(Front View)
TO-220-3 (2)
TO-220F-3 (Option 1)
Internal Structure of MBR3045C
1
2
3
A1
K
A2
1
2
3
A1
K
A2
A1
A2
K


Similar Part No. - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR3045C VISHAY-MBR3045C Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR3045C UTC-MBR3045C Datasheet
162Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
logo
JILIN SINO-MICROELECTRO...
MBR3045C JSMC-MBR3045C Datasheet
540Kb / 9P
SCHOTTKY BARRIER DIODE
More results

Similar Description - MBR3045C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
International Rectifier
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
logo
Diodes Incorporated
MBR2045C DIODES-MBR2045C Datasheet
454Kb / 8P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com