Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

047-12SMP Datasheet(PDF) 1 Page - Mini-Circuits

Part # 047-12SMP
Description  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

047-12SMP Datasheet(HTML) 1 Page - Mini-Circuits

  047-12SMP Datasheet HTML 1Page - Mini-Circuits 047-12SMP Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coaxial Cable
HAND
TM
The Big Deal
Product Overview
The 047 Series Hand-Flex Coaxial Cables are ideal for interconnection of coaxial components or sub-systems
in tight spaces. The outer shield is tin plated copper braid and tin soaked, which minimizes signal leakage and
at the same time flexible for easy bend. The 047 Series Hand-Flex Cables features gold plated beryllium copper
construction. The 047 Series hand-Flex cables are available in variety of length to meet your requirements.
Key Features
CASE STYLE: BZ2551-XX
XX= cable length in inches
• Miniature Hand Formable
• Tight Bend Radius, 3.2mm
• Ideal for interconnect of assembled systems in
tight places
50Ω
DC to 18 GHz
047-SMP+ Series
Feature
Advantages
Hand-Formable RF Cables
The 047 Series Hand-Flex cables are hand formable making them ideal for use integrating
coaxial components and sub-assemblies without the need for special cable-bending tools and
alleviating the risk of damage during the bending process typical of semi-rigid coaxial cable
assemblies.
Tight Bend Radius, 3.2mm
Capable of only 3.2mm bend radius, the 047 Hand Flex series is able to make connections in
tight spaces making these cables ideal for dense system integration
Excellent Return loss,
• 28 dB at 6 GHz
• 20 dB at 18 GHz
The 047 Series Hand-Flex Cables are ideally suited for interconnecting a wide variety of RF
components while minimizing VSWR ripple contribution due to mating cables & connectors.
Good Power Handling Capability:
• 22.5W at 0.5 GHz
• 4.50W at 18 GHz
Mini-Circuits' 047 Cable series can support medium to high RF power levels enabling these
cables to be used in the transmit path.
SMP-F blind Mate push-on/snap-on
connector on one side
Quick connect/disconnect saving time.
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2


Similar Part No. - 047-12SMP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-12SMPR+ MINI-047-12SMPR+ Datasheet
291Kb / 2P
Coaxial Cable
047-12SMPRC MINI-047-12SMPRC Datasheet
295Kb / 2P
Coaxial Cable
047-12SMPRC+ MINI-047-12SMPRC+ Datasheet
295Kb / 2P
Coaxial Cable
047-12SMPSM MINI-047-12SMPSM Datasheet
285Kb / 2P
Coaxial Cable
More results

Similar Description - 047-12SMP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com