Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

047-12SMP Datasheet(PDF) 2 Page - Mini-Circuits

Part # 047-12SMP
Description  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

047-12SMP Datasheet(HTML) 2 Page - Mini-Circuits

  047-12SMP Datasheet HTML 1Page - Mini-Circuits 047-12SMP Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50Ω
12 inch
DC to 18 GHz
Coaxial Cable
REV. OR
M166698
047-6SMP+
WP/RS/CP
180316
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
047-12SMP+
INSERTION LOSS
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
SMP-FEMALE
SMP-FEMALE
0
10
20
30
40
50
60
70
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
047-12SMP+
RETURN LOSS
SMP-FEMALE
SMP-FEMALE
047-12SMP+
100
0.13
29.3
29.0
1000
0.43
35.8
35.8
2000
0.63
28.8
27.6
2500
0.68
35.9
35.1
4000
0.86
39.0
36.5
5000
0.95
28.0
25.6
6000
1.06
29.0
28.2
7000
1.16
34.2
28.8
8000
1.26
31.1
29.1
9000
1.30
25.9
32.3
10000
1.39
22.9
33.2
12000
1.52
25.3
25.6
14000
1.56
26.5
25.5
17000
1.68
22.8
26.1
18000
1.65
20.1
26.0
Outline Dimensions (
)
inch
mm
CASE STYLE: BZ2551-12
Cable Construction
Center Conductor: Silver Plated Copper Clad Steel
Dialectric: Solid PTFE
Outer Shield: Copper braid, tin soaked
Jacket: FEP, Blue (Unjacketed cable also available
upon request)
Connectors: Coupling Nut: Stainless Steel Passivated
Body: Stainless Steel Gold Plated
Center Pin: Brass Gold Plated
Outline Drawing
HAND
TM
Features
• Wideband frequency coverage, DC to 18 GHz
• Low Loss, 1.65 dB at 18 GHz
• Excellent Return Loss, 20 dB at 18 GHz
• Hand formable to almost any custom shape without
special bending tools
• 3.2mm bend radius for tight installations
• Connector interface, meets MIL-STD-348
•
Ideal for interconnect of assembled systems
Applications
• Replacement for custom bent 0.047" semi-rigid cables
• Communication receivers and transmitters
• Military and aerospace system
• Environmental and test chambers
Maximum Ratings
Operating Temperature
-45°C to 85°C
Storage Temperature
-45°C to 85°C
Power Handling at 25°C, 22.5W at 0.5 GHz
Sea Level
15.5W at
1 GHz
11W at
2 GHz
5.5W at
6 GHz
4.6W at 10 GHz
4.5W at 18 GHz
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Length1
12
Inches
Insertion Loss
DC - 2
—
0.42
0.8
dB
2 - 6
—
0.74
1.53
6 - 10
—
1.14
1.91
10 - 18
—
1.51
2.62
Return Loss
DC - 2
20
30
—
dB
2 - 6
20
28
—
6 - 10
17
27
—
10 - 18
17
27
—
Typical Performance Data
1. Custom sizes available, consult factory.
Connectors
Model
SMP-Female
047-12SMP+
A
B
C1
C2
D
E1
12.0
.14
.135
.287
.14
.135
304.80
3.56
3.43
7.29
3.56
3.43
E2
F
T
wt
.289
.069
0.1
grams
7.34
1.75
2.54
3.98
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com