Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM810-RXN3/TR Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM810-RXN3/TR
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM810-RXN3/TR Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM810-RXN3/TR Datasheet HTML 2Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 3Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 4Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 5Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 6Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 7Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 8Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 9Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Microprocessor Supervisory
SGM803/SGM809/SGM810
Circuit in 3-Pin SOT-23
6
JANUARY 2018
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
Pow er-Dow n RESET Delay vs. Temperature
0
50
100
150
200
250
300
-50 -30 -10 10
30
50
70
90 110 130
Temperature (℃)
SGM8_T/S/R/Z
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
Supply Current vs. Temperature (No Load)
0
5
10
15
20
25
30
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
VCC = 5.5V
VCC = 3.6V
Normalized RESET Voltage Threshold vs. Temperature
0.988
0.99
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
1.008
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
0
50
100
150
200
250
300
350
400
1
10
100
1000
SGM8_L/M/J
SGM8_R/S/T/Z
Maximum Transient Duration Without Causing a Reset Pulse
vs. RESET Comparator Overdrive
RESET Comparator Overdrive VTH - VCC(mV)
Pow er-Dow n RESET Delay vs. Temperature
0
50
100
150
200
250
-50 -30 -10 10
30
50
70
90 110 130
Temperature (℃)
SGM8_L/M/J
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
Pow er-Up RESET Delay vs. Temperature
220
225
230
235
240
245
250
255
260
265
270
-50 -30 -10 10 30
50 70 90 110 130
Temperature
(℃)
SGM8_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com