Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM810-RXN3/TR Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM810-RXN3/TR
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM810-RXN3/TR Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM810-RXN3/TR Datasheet HTML 4Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 5Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 6Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 7Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 8Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 9Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 10Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 11Page - SG Micro Corp SGM810-RXN3/TR Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Microprocessor Supervisory
SGM803/SGM809/SGM810
Circuit in 3-Pin SOT-23
8
JANUARY 2018
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
Benefits of an Accurate Reset Threshold
In other microprocessor supervisory circuits, tolerances
in supply voltages lead to an overall increase in reset
tolerance levels due to the deterioration of the
microprocessor reset circuit’s power supply. The
possibility of a malfunction during a power failure is
greatly reduced because the SGM803/SGM809/
SGM810 series can operate effectively even when
there are large degradations of the supply voltages.
Another advantage of the SGM803/SGM809/SGM810
series is its very accurate internal voltage reference
circuit. These benefits combine to produce an
exceptionally reliable voltage monitor circuit.
Interfacing to Microprocessors with
Multiple Interrupts
In a number of cases, it is necessary to interface many
interrupts from different devices (for example, thermal,
altitude, and velocity sensors). The SGM803/SGM809/
SGM810 can easily be integrated into existing interrupt-
handling circuits, as shown in Figure 1, or can be used
as a standalone device.
SGM809
GND
RESET
VCC
VCC
OTHER SENSING
DEVICES
PRIORITY ENCODER
74LS147
4-LINE BCD TO
MICROPROCESSOR
Figure 1. Interfacing to Microprocessors with Multiple
Interrupts
Interfacing to Other Devices’ Output
The SGM803/SGM809/SGM810 series is designed to
integrate with as many devices as possible and,
therefore, has a standard output dependent on VCC.
This enables the parts to be used in both 3V and 5V, or
any nominal voltage within the minimum and maximum
specifications for VCC. This design simplifies interfacing
this device to other devices.
Ensuring a Valid Reset Output Down to VCC
= 0V
When VCC falls below 1.0V, the SGM803/SGM809
RESET
no longer sinks current. A high impedance
CMOS logic input connected to RESET may, therefore,
drift to undetermined logic levels. To eliminate this
problem, a 100kΩ resistor should be connected from
RESET to ground.
SGM809
GND
RESET
VCC
VCC
Figure 2. Ensuring a Valid Reset Output Down to VCC = 0V
Preventing the High Voltage Spike and
Low Power Design
To prevent the high voltage spike damage or input VCC
current limitation low power design, It is always to
connect a resistor R1(0Ω to 1kΩ) in series to VCC, for
such application, one capacitance C1(0.1µF to 4.7µF)
should be connected between VCC Pin and GND. the
schematic is shown in Figure 3. The input resistor will
affect output driving capability.
SGM809
GND
RESET
VCC
OUTPUT
IN
R1
0Ω ~ 1kΩ
C1
0.1µF ~ 4.7µF
Figure 3. Preventing the High Voltage Spike and Low
Power Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com