Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9268 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X9268 Datasheet HTML 4Page - Renesas Technology Corp X9268 Datasheet HTML 5Page - Renesas Technology Corp X9268 Datasheet HTML 6Page - Renesas Technology Corp X9268 Datasheet HTML 7Page - Renesas Technology Corp X9268 Datasheet HTML 8Page - Renesas Technology Corp X9268 Datasheet HTML 9Page - Renesas Technology Corp X9268 Datasheet HTML 10Page - Renesas Technology Corp X9268 Datasheet HTML 11Page - Renesas Technology Corp X9268 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 8 of 22
August 29, 2006
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms nonvolatile write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9268 initiates
the internal write cycle. ACK polling, Flow 1, can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9268 is still busy with the write operation no ACK will
be returned. If the X9268 has completed the write
operation an ACK will be returned and the master can
then proceed with the next operation.
FLOW 1: ACK Polling Sequence
INSTRUCTION AND REGISTER DESCRIPTION
Instructions
DEVICE ADDRESSING: IDENTIFICATION BYTE (ID AND A)
The first byte sent to the X9268 from the host is called
the Identification Byte. The most significant four bits of
the slave address are a device type identifier. The
ID[3:0] bits is the device id for the X9268; this is fixed as
0101[B] (refer to Table 1).
The A[3:0] bits in the ID byte is the internal slave
address. The physical device address is defined by the
state of the A3 - A0 input pins. The slave address is
externally specified by the user. The X9268 compares
the serial data stream with the address input state; a
successful compare of both address bits is required for
the X9268 to successfully continue the command
sequence. Only the device which slave address
matches the incoming device address sent by the
master executes the instruction. The A3 - A0 inputs can
be actively driven by CMOS input signals or tied to VCC
or VSS.
INSTRUCTION BYTE (I)
The next byte sent to the X9268 contains the instruction
and register pointer information. The three most
significant bits are used provide the instruction opcode I
[3:0]. The RB and RA bits point to one of the four Data
Registers of each associated XDCP. The least
significant bit points to one of two Wiper Counter
Registers or Pots. The format is shown in Table 2.
Register Selection
Nonvolatile Write
Command Completed
EnterACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
No
Yes
Yes
Proceed
Issue STOP
No
Proceed
Register Selected
RB
RA
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com