Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60003 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X60003
Description  Precision SOT-23 FGA??Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X60003 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X60003 Datasheet HTML 9Page - Renesas Technology Corp X60003 Datasheet HTML 10Page - Renesas Technology Corp X60003 Datasheet HTML 11Page - Renesas Technology Corp X60003 Datasheet HTML 12Page - Renesas Technology Corp X60003 Datasheet HTML 13Page - Renesas Technology Corp X60003 Datasheet HTML 14Page - Renesas Technology Corp X60003 Datasheet HTML 15Page - Renesas Technology Corp X60003 Datasheet HTML 16Page - Renesas Technology Corp X60003 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
X60003
FN8137 Rev 5.00
Page 15 of 17
September 1, 2015
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev.
DATE
REVISION
CHANGE
September 1, 2015 FN8137.5 Updated Ordering Information table on page 3.
June 23, 2014
FN8137.4 Updated POD with following changes:
In Detail A, changed lead width dimension from 0.13+/-0.05 to 0.085-0.19
Changed dimension of foot of lead from 0.31+/-0.10 to 0.38+/-0.10
In Land Pattern, added 0.4 Rad Typ dimension
In Side View, changed height of package from 0.91+/-0.03 to 0.95+/-0.07
March 31, 2010
FN8137.3 Throughout- Converted to new format. Changes made as follows:
Moved “Available Options”, “Pin Configuration” and “Pin Descriptions” to page 2
Added “Related Literature” on page 1
Added key selling feature graphic Figure 1 to page 1
Added MSL note to “Ordering Information” table on page 3
Added "Boldface limits apply..." note to common conditions of Electrical Specifications tables on page 4 and page 5.
Bolded applicable specs. Added Note 12 to MIN MAX columns of all Electrical Specifications tables.
Added Latch Up to “Absolute Voltage Ratings” on page 4
Added Junction Temperature to “Thermal Information” on page 4
Added JEDEC standards used at the time of testing for “ESD Ratings” on page 4
Added “Revision History” on page 15 and “About Intersil” on page 16
Updated package outline drawing on page 17 to new format by adding land pattern and moving dimensions from
table onto drawing
Removed retired devices from “Ordering Information” table on page 3 and “Available Options” on page 2 as follows:
X60003BIG3-41T1
X60003CIG3-41T1
X60003DIG3-41T1
X60003BIG3-50T1
X60003CIG3-50T1
X60003DIG3-50T1
Added the following to page 4:
"Environmental Operating Conditions
X-Ray Exposure (Note 4)..........10mRem
Note 4. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration.
Other exposure levels should be analyzed for Output Voltage drift effects. See “Applications Information” on page 10.
“Thermal Information” on page 4: Changed Theta JA from 202.70 to 375. Added Theta JC of 110 and applicable note
(measured at top of package).
In Figures 1, 3, 5 and 30, changed the color to Dark Blue (Unit 3), Black (Unit 2), and Dark Green (Unit 1). Changed
name of Unit 3 to High, Unit 2 to Typ and Unit 1 to Low.
Figure 4. Changed the colors to Dark Blue (85), Black (25), and Dark Green (-40).
Figure 29. Increased the Y-axis to 800nA.
Added “Handling and Board Mounting” on page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com