Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60003 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X60003
Description  Precision SOT-23 FGA??Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X60003 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X60003 Datasheet HTML 1Page - Renesas Technology Corp X60003 Datasheet HTML 2Page - Renesas Technology Corp X60003 Datasheet HTML 3Page - Renesas Technology Corp X60003 Datasheet HTML 4Page - Renesas Technology Corp X60003 Datasheet HTML 5Page - Renesas Technology Corp X60003 Datasheet HTML 6Page - Renesas Technology Corp X60003 Datasheet HTML 7Page - Renesas Technology Corp X60003 Datasheet HTML 8Page - Renesas Technology Corp X60003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
X60003
FN8137 Rev 5.00
Page 2 of 17
September 1, 2015
Available Options
Pin Configuration
X60003
(3 LD SOT-23)
TOP VIEW
Typical Application Circuit
PART NUMBER
VOUT
OPTION
(V)
INITIAL
ACCURACY
(mV)
TEMPCO.
(ppm/°C)
X60003BIG3Z-41T1
4.096
±1.0
10
X60003CIG3Z-41T1
4.096
±2.5
20
X60003DIG3Z-41T1
(No longer available or
supported)
4.096
±5.0
20
X60003BIG3Z-50T1
5.000
±1.0
10
X60003CIG3Z-50T1
5.000
±2.5
20
X60003DIG3Z-50T1
5.000
±5.0
20
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Power Supply Input Connection
2VOUT
Voltage Reference Output Connection
3
GND
Ground Connection
1
2
3
VOUT
GND
VIN
FIGURE 2. TYPICAL APPLICATION PRECISION 16 TO 24-BIT A/D CONVERTER
VIN = +5.0V
0.1µF
SERIAL
BUS
VIN V
OUT
GND
X60003
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
0.001µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com