Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-6WD0 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMB-6WD0
Description  RGBW Thin DFN6 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMB-6WD0 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMB-6WD0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Avago Technologies
- 13 -
ASMB-6WD0/ASMB-6WZ0
Data Sheet
Precautionary Notes
Application Precautions
a.
Drive current of the LED must not exceed the maximum allowable limit across temperature as stated in the datasheet.
Constant current driving is recommended to ensure consistent performance.
b.
LEDs do exhibit slightly different characteristics at different drive currents that might result in larger performance variations
(i.e., intensity, wavelength, and forward voltage). The user is recommended to set the application current as close as possible to
the test current to minimize these variations.
c.
LED is not intended for reverse bias. Do use other appropriate components for such purpose. When driving the LED in matrix
form, it is crucial to ensure that the reverse bias voltage is not exceeding the allowable limit of the LED.
d.
Do not use the LED in the vicinity of material with sulfur content, in environment of high gaseous sulfur compound and
corrosive elements. Examples of material that may contain sulfur are rubber gasket, RTV (room temperature vulcanizing)
silicone rubber, rubber gloves etc. Prolonged exposure to such environment may affect the optical characteristics and product
life.
e.
Avoid rapid change in ambient temperature especially in high humidity environment as this will cause condensation on the
LED.
f.
Number of reflow cycle and reflow temperature condition used may affect optical characteristics of the LED. It is
recommended to use LEDs with the same number of reflow cycle and same reflow temperature condition within the same
finished good.
Thermal Management
Optical, electrical and reliability characteristics of LED are affected by temperature. The junction temperature (TJ) of the LED must
be kept below allowable limit at all times. TJ can be calculated as below:
TJ = TA + RθJ-A x IF x VFmax
where
TA
= ambient temperature [°C]
R
θJ-A = thermal resistance from LED junction to ambient [°C/W]
IF
= forward current [A]
VFmax = maximum forward voltage [V]
The complication of using this formula lies in TA and RθJ-A. Actual TA is sometimes subjective and hard to determine. RθJ-A varies
from system to system depending on design and is usually not known.
Another way of calculating TJ is by using solder point temperature TS as shown below:
TS can be measured easily by mounting a thermocouple on the soldering joint as shown in illustration above, while RθJ-S is
provided in the datasheet. User is advised to verify the TS of the LED in the final product to ensure that the LEDs are operated within
all maximum ratings stated in the datasheet.
Eye Safety Precautions
LEDs may pose optical hazards when in operation. It is not advisable to view directly at operating LEDs as it may be harmful to the
eyes. For safety reasons, use appropriate shielding or personal protective equipment.
TJ = TS + RθJ-S x IF x VFmax
where
TS
= LED solder point temperature as shown in illustration below [°C]
R
θJ-S = thermal resistance from junction to solder point [°C/W]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com