Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-6WD0 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMB-6WD0
Description  RGBW Thin DFN6 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMB-6WD0 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMB-6WD0 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMB-6WD0 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Avago Technologies
- 2 -
ASMB-6WD0/ASMB-6WZ0
Data Sheet
Package Dimensions
Package Dimensions
With ESD Protection
Without ESD Protection
Notes:
1.
All dimensions are in millimeter (mm).
2.
Unless otherwise specified, tolerance is ±0.2mm.
3.
Encapsulation = silicone
4.
Terminal finish = silver plating
Lead
Configuration
1
Cathode(Green)
2Cathode(Red)
3Cathode (Blue)
4Anode (Blue)
5Anode (Red)
6
Anode (Green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com