Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH9202 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH9202
Description  Reflexlichtschranke Reflective Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9202 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH9202 Datasheet HTML 1Page - OSRAM GmbH SFH9202 Datasheet HTML 2Page - OSRAM GmbH SFH9202 Datasheet HTML 3Page - OSRAM GmbH SFH9202 Datasheet HTML 4Page - OSRAM GmbH SFH9202 Datasheet HTML 5Page - OSRAM GmbH SFH9202 Datasheet HTML 6Page - OSRAM GmbH SFH9202 Datasheet HTML 7Page - OSRAM GmbH SFH9202 Datasheet HTML 8Page - OSRAM GmbH SFH9202 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SFH 9202
Reflexlichtschranke
Reflective Interrupter
Lead (Pb) Free Product - RoHS Compliant
2007-04-03
1
Wesentliche Merkmale
• Optimaler Arbeitsabstand 1 mm bis 5 mm
• IR-GaAs-Lumineszenzdiode in Kombination
mit einem Si-NPN-Fototransistor
• Tageslichtsperrfilter
• Geringe Sättigungsspannung
• Sender und Empfänger galvanisch getrennt
• Vorbehandlung nach JEDEC Level 4
Anwendungen
• Positionsmelder
• Endabschalter
• Drehzahlüberwachung
• Bewegungssensor
Typ
Type
Bestellnummer
Ordering Code
I
CE [mA]
(I
F = 10 mA, VCE = 5 V, d = 1 mm)
SFH 9202
Q65110A2712
0.063 … 0.8
SFH 9202-2/3
Q65110A2705
0.063 … 0.2
SFH 9202-3/4
Q65110A2710
0.10 … 0.32
SFH 9202-4/5
Q65110A2709
0.16 … 0.50
SFH 9202-5/6
Q65110A2711
0.25 … 0.80
Features
• Optimal operating distance 1 mm to 5 mm
• IR-GaAs-emitter in combination with a Silicon
NPN phototransistor
• Daylight cut-off filter
• Low saturation voltage
• Emitter and detector electrically isolated
• Preconditioning acc. to JEDEC Level 4
Applications
• Position reporting
• End position switch
• Speed monitoring
• Motion transmitter


Similar Part No. - SFH9202

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
Reflexlichtschranke Reflective Interrupter
SFH9201-2/3 OSRAM-SFH9201-2/3 Datasheet
104Kb / 10P
Reflexlichtschranke Reflective Interrupter
SFH9201-3/4 OSRAM-SFH9201-3/4 Datasheet
104Kb / 10P
Reflexlichtschranke Reflective Interrupter
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH9206-4 OSRAM-SFH9206-4 Datasheet
482Kb / 15P
Reflective Interrupter
More results

Similar Description - SFH9202

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
274Kb / 8P
Reflective Interrupter
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
Reflexlichtschranke Reflective Interrupter
SFH9210 OSRAM-SFH9210_05 Datasheet
111Kb / 10P
Reflexlichtschranke mit VCSEL-Sender Reflective Interrupter with VCSEL-Emitter
logo
KODENSHI_AUK CORP.
KPI-3020R KODENSHI-KPI-3020R Datasheet
102Kb / 1P
Photo Interrupter(Reflective)
logo
OSRAM GmbH
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH7740 OSRAM-SFH7740 Datasheet
432Kb / 14P
Reflexlichtschranke Reflective Optical Switch
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
Reflective Interrupter
SFH-9206 OSRAM-SFH-9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
Reflective Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com