Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH9202 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH9202
Description  Reflexlichtschranke Reflective Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9202 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH9202 Datasheet HTML 1Page - OSRAM GmbH SFH9202 Datasheet HTML 2Page - OSRAM GmbH SFH9202 Datasheet HTML 3Page - OSRAM GmbH SFH9202 Datasheet HTML 4Page - OSRAM GmbH SFH9202 Datasheet HTML 5Page - OSRAM GmbH SFH9202 Datasheet HTML 6Page - OSRAM GmbH SFH9202 Datasheet HTML 7Page - OSRAM GmbH SFH9202 Datasheet HTML 8Page - OSRAM GmbH SFH9202 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SFH 9202
2007-04-03
3
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs diode)
Durchla
βspannung
Forward voltage
I
F = 50 mA
V
F
1.25 (
≤ 1.65)
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
μA
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
O
25
pF
Wärmewiderstand
1)
Thermal resistance
1)
R
thJA
270
K/W
Empfänger (Si-Fototransistor)
Detector (silicon phototransistor)
Kapazität
Capacitance
V
CE = 5 V, f = 1 MHz
C
CE
5
pF
Kollektor-Emitter-Reststrom
Collector-emitter leakage current
V
CE = 20 V
I
CEO
1
(≤ 50)
nA
Fotostrom (Fremdlichtempfindlichkeit)
Photocurrent (outside light density)
V
CE = 5 V, Ev = 1000 Lx
I
P
1
mA
Wärmewiderstand
1)
Thermal resistance
1)
R
thJA
270
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com