Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD62012FS Datasheet(PDF) 13 Page - Rohm

Part # BD62012FS
Description  3-Phase Brushless Fan Motor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62012FS Datasheet(HTML) 13 Page - Rohm

Back Button BD62012FS Datasheet HTML 9Page - Rohm BD62012FS Datasheet HTML 10Page - Rohm BD62012FS Datasheet HTML 11Page - Rohm BD62012FS Datasheet HTML 12Page - Rohm BD62012FS Datasheet HTML 13Page - Rohm BD62012FS Datasheet HTML 14Page - Rohm BD62012FS Datasheet HTML 15Page - Rohm BD62012FS Datasheet HTML 16Page - Rohm BD62012FS Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/20
Datasheet
Datasheet
BD62012FS
TSZ02201-0828ABB00020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.MAR.2013 Rev.003
http://www.rohm.com
TSZ22111 · 15 · 001
 Typical Performance Curves (Reference data) - Continued
Figure 23. RCL input bias current
Figure 24. RCL input threshold voltage
Figure 21. Input bias current
Figure 22. Input threshold voltage
(CCW, FIB)
(CCW, FIB)
0
10
20
30
40
50
60
0
1
23
45
Input Voltage : VIN [V]
110°C
25°C
-40°C
-0.5
0.0
0.5
1.0
1.5
1.71.92.12.3
2.52.72.9
Input Voltage : VIN [V]
110°C
25°C
-40°C
110°C
25°C
-40°C
0
10
20
30
0
1
23
45
RCL Input Voltage : VRCL [V]
110°C
25°C
-40°C
-0.5
0.0
0.5
1.0
1.5
0.48
0.49
0.50
0.51
0.52
Input Voltage : VRCL [V]
110°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com