Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD62012FS Datasheet(PDF) 5 Page - Rohm

Part # BD62012FS
Description  3-Phase Brushless Fan Motor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62012FS Datasheet(HTML) 5 Page - Rohm

  BD62012FS Datasheet HTML 1Page - Rohm BD62012FS Datasheet HTML 2Page - Rohm BD62012FS Datasheet HTML 3Page - Rohm BD62012FS Datasheet HTML 4Page - Rohm BD62012FS Datasheet HTML 5Page - Rohm BD62012FS Datasheet HTML 6Page - Rohm BD62012FS Datasheet HTML 7Page - Rohm BD62012FS Datasheet HTML 8Page - Rohm BD62012FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/20
Datasheet
Datasheet
BD62012FS
TSZ02201-0828ABB00020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.MAR.2013 Rev.003
http://www.rohm.com
TSZ22111 · 15 · 001
11) Thermal shutdown (TSD) circuit
The TSD circuit operates when the junction temperature of the controller exceeds the preset temperature (175°C
nominal). At this time, the controller forces all driver outputs low. Since thermal hysteresis is provided in the TSD circuit,
the chip returns to normal operation when the junction temperature falls below the preset temperature (150°C nominal).
The TSD circuit is designed only to shut the IC off to prevent thermal runaway. It is not designed to protect the IC or
guarantee its operation in the presence of extreme heat. Do not continue to use the IC after the TSD circuit is activated,
and do not use the IC in an environment where activation of the circuit is assumed.
12) Motor lock protection (MLP) circuit
When the controller detects the motor locking during fixed time of 4 seconds nominal when each edge of the hall signal
doesn't input either, the controller forces all driver outputs low under a fixed time 20 seconds nominal, and self-returns to
normal operation. This circuit is enabled if the voltage force to VSP is over the duty minimum voltage VSPMIN, and note
that the motor cannot start up when the controller doesn’t detect the motor rotation by the minimum duty control.
13) External fault signal input pin (FIB pin, low active)
The FIB pin can force all controller driver outputs low at any time. The FIB pin is pulled up to VREG internally by a 100
k
Ω resistor. Therefore, an open drain output can be connected directly. It is recommended to pull up FIB pin to VREG
voltage when this function is not used or malfunctioning because of the noise.
14) Hall signal wrong input detection
Hall element abnormalities may cause incorrect inputs that vary from the normal logic. When all hall input signals go high
or low, the hall signal wrong input detection circuit forces all driver outputs low. And when the controller detects the
abnormal hall signals continuously for four times or more motor rotation, the controller forces all driver outputs low and
latches the state. It is released if the duty control voltage VSP is forced to ground level once.
15) Internal voltage regulator
The internal voltage regulator VREG is output for the bias of the hall
element and the phase control setting. However, when using the VREG
function, be aware of the IOMAX value. If a capacitor is connected to the
ground in order to stabilize output, a value of 1 µF or more should be used.
In this case, be sure to confirm that there is no oscillation in the output.
Figure 6. VREG output pin application example
HUP
HUN
HVP
HVN
HWP
HWN
HU
HV
HW
VCC
Controller IC
R1
VREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com