Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78D08LL-TM3 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78D08LL-TM3
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D08LL-TM3 Datasheet(HTML) 1 Page - Unisonic Technologies

  78D08LL-TM3 Datasheet HTML 1Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 2Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 3Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 4Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 5Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 6Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 7Page - Unisonic Technologies 78D08LL-TM3 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
78DXXL
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R101-036.H
3 -T ERM I N ALS 0 .5 A POSI T I V E
V OLT AGE REGU LAT OR
DESCRI PT I ON
The UTC 78DXXL family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 0.5 A.
FEAT U RE
* Output Current Up To 0.5 A
* Fixed Output Voltage Of 5V, 6V, 8V, 9V, 12V, 15V and 18V
Available
* Thermal Overload Shutdown Protection
* Short Circuit Current Limiting
* Output Transistor SOA Protection
 ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
78DXXLL-AA3-R
78DXXLG-AA3-R
SOT-223
I
G
O
Tape Reel
78DXXLL-AB3-B-R
78DXXLG-AB3-B-R
SOT-89
O
G
I
Tape Reel
78DXXLL-TM3-T
78DXXLG-TM3-T
TO-251
I
G
O
Tube
78DXXLL-TN3-R
78DXXLG-TN3-R
TO-252
I
G
O
Tape Reel
78DXXLL-TNA-R
78DXXLG-TNA-R
TO-252-3
I
G
O
Tape Reel
Note:
1. XX: Output Voltage, refer to Marking Information
2. Pin Code:
I: Input
G: GND
O: Output


Similar Part No. - 78D08LL-TM3

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
78D08L UMW-78D08L Datasheet
520Kb / 9P
The 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
logo
Unisonic Technologies
78D08L-AA3-R UTC-78D08L-AA3-R Datasheet
291Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D08L-AA3-T UTC-78D08L-AA3-T Datasheet
291Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D08L-TM3-R UTC-78D08L-TM3-R Datasheet
291Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D08L-TM3-T UTC-78D08L-TM3-T Datasheet
291Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78D08LL-TM3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXX UTC-78TXX Datasheet
171Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_12 Datasheet
350Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_12 Datasheet
195Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS78DXX AMS-AMS78DXX Datasheet
488Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXX UTC-78DXX_15 Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_17 Datasheet
280Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78TXX UTC-78TXX_V01 Datasheet
362Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com